Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FK28C0G2E681J Datasheet(PDF) 1 Page - TDK Electronics

Part # FK28C0G2E681J
Description  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK28C0G2E681J Datasheet(HTML) 1 Page - TDK Electronics

  FK28C0G2E681J Datasheet HTML 1Page - TDK Electronics FK28C0G2E681J Datasheet HTML 2Page - TDK Electronics FK28C0G2E681J Datasheet HTML 3Page - TDK Electronics FK28C0G2E681J Datasheet HTML 4Page - TDK Electronics FK28C0G2E681J Datasheet HTML 5Page - TDK Electronics FK28C0G2E681J Datasheet HTML 6Page - TDK Electronics FK28C0G2E681J Datasheet HTML 7Page - TDK Electronics FK28C0G2E681J Datasheet HTML 8Page - TDK Electronics FK28C0G2E681J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
December 2015
CA P A C I TO R S
Type:
General (Up to 50V)
FK28, FK18
FK24, FK14
FK26, FK16
FK20, FK11
FK22
Mid Voltage (100 to 630V)
FK28, FK18
FK24, FK14
FK26, FK16
FK20, FK11
FK22
Capacitor with Multi-layer Lead
Commercial Grade
FK Series
Conventional product
(
) For a new design, FA or FG Series with halogen-free specification are recommended.


Similar Part No. - FK28C0G2E681J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK28C0G2E681J TDK-FK28C0G2E681J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK28C0G2E681J TDK-FK28C0G2E681J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK28C0G2E681J TDK-FK28C0G2E681J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK28C0G2E681J TDK-FK28C0G2E681J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
More results

Similar Description - FK28C0G2E681J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com