Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA137N Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA137N
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA137N Datasheet(HTML) 6 Page - Burr-Brown (TI)

  OPA137N Datasheet HTML 1Page - Burr-Brown (TI) OPA137N Datasheet HTML 2Page - Burr-Brown (TI) OPA137N Datasheet HTML 3Page - Burr-Brown (TI) OPA137N Datasheet HTML 4Page - Burr-Brown (TI) OPA137N Datasheet HTML 5Page - Burr-Brown (TI) OPA137N Datasheet HTML 6Page - Burr-Brown (TI) OPA137N Datasheet HTML 7Page - Burr-Brown (TI) OPA137N Datasheet HTML 8Page - Burr-Brown (TI) OPA137N Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
®
OPA137, 2137, 4137
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, RL = 10kΩ, connected to ground, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
G = 1, CL = 50pF
1
µs/div
LARGE-SIGNAL STEP RESPONSE
G = 1, CL = 50pF
5
µs/div
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
Load Capacitance (pF)
60
50
40
30
20
10
0
10
100
1k
10k
G = –1
G = +10
G = +1
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
20
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
Single, duals, and
quads included.
SETTLING TIME vs CLOSED-LOOP GAIN
Closed-Loop Gain (V/V)
100
10
1
1
10
100
10V Step
0.01%
0.1%
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
20
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
Single, duals, and
quads included.


Similar Part No. - OPA137N

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA137N BURR-BROWN-OPA137N Datasheet
269Kb / 8P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA137N-3K TI1-OPA137N-3K Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA137N/250 TI1-OPA137N/250 Datasheet
784Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA137N/250E4 TI1-OPA137N/250E4 Datasheet
784Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results

Similar Description - OPA137N

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA137 BURR-BROWN-OPA137 Datasheet
269Kb / 8P
   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA137 TI1-OPA137 Datasheet
784Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA137N-250 TI1-OPA137N-250 Datasheet
787Kb / 15P
[Old version datasheet]   LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Analog Devices
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com