Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FK18C0G2A821J Datasheet(PDF) 6 Page - TDK Electronics

Part # FK18C0G2A821J
Description  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK18C0G2A821J Datasheet(HTML) 6 Page - TDK Electronics

Back Button FK18C0G2A821J Datasheet HTML 2Page - TDK Electronics FK18C0G2A821J Datasheet HTML 3Page - TDK Electronics FK18C0G2A821J Datasheet HTML 4Page - TDK Electronics FK18C0G2A821J Datasheet HTML 5Page - TDK Electronics FK18C0G2A821J Datasheet HTML 6Page - TDK Electronics FK18C0G2A821J Datasheet HTML 7Page - TDK Electronics FK18C0G2A821J Datasheet HTML 8Page - TDK Electronics FK18C0G2A821J Datasheet HTML 9Page - TDK Electronics FK18C0G2A821J Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
(6/22)
20151209 / leadmlcc_conventional_fk_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
CAPACITANCE RANGES: CLASS 2 (TEMPERATURE STABLE)
FK28 AND FK18 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 6.3 to 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK28 type
FK18 type
X7R
1000pF
±10%
50
FK28X7R1H102K
FK18X7R1H102K
X7R
1500pF
±10%
50
FK28X7R1H152K
FK18X7R1H152K
X7R
2200pF
±10%
50
FK28X7R1H222K
FK18X7R1H222K
X7R
3300pF
±10%
50
FK28X7R1H332K
FK18X7R1H332K
X7R
4700pF
±10%
50
FK28X7R1H472K
FK18X7R1H472K
X7R
6800pF
±10%
50
FK28X7R1H682K
FK18X7R1H682K
X7R
10000pF
±10%
50
FK28X7R1H103K
FK18X7R1H103K
X7R
15000pF
±10%
50
FK28X7R1H153K
FK18X7R1H153K
X7R
22000pF
±10%
50
FK28X7R1H223K
FK18X7R1H223K
X7R
33000pF
±10%
50
FK28X7R1H333K
FK18X7R1H333K
X7R
47000pF
±10%
50
FK28X7R1H473K
FK18X7R1H473K
X7R
68000pF
±10%
50
FK28X7R1H683K
FK18X7R1H683K
X7R
0.1μF
±10%
50
FK28X7R1H104K
FK18X7R1H104K
X7R
0.15μF
±10%
50
FK28X7R1H154K
FK18X7R1H154K
X7R
0.22μF
±10%
50
FK28X7R1H224K
FK18X7R1H224K
X7R
0.1μF
±10%
25
FK28X7R1E104K
FK18X7R1E104K
X7R
0.15μF
±10%
25
FK28X7R1E154K
FK18X7R1E154K
X7R
0.22μF
±10%
25
FK28X7R1E224K
FK18X7R1E224K
X7R
0.33μF
±10%
25
FK28X7R1E334K
FK18X7R1E334K
X7R
0.47μF
±10%
25
FK28X7R1E474K
FK18X7R1E474K
X7R
0.68μF
±10%
25
FK28X7R1E684K
FK18X7R1E684K
X7R
1μF
±10%
25
FK28X7R1E105K
FK18X7R1E105K
X7R
0.22μF
±10%
16
FK28X7R1C224K
FK18X7R1C224K
X7R
0.33μF
±10%
16
FK28X7R1C334K
FK18X7R1C334K
X7R
0.47μF
±10%
16
FK28X7R1C474K
FK18X7R1C474K
X7R
0.68μF
±10%
16
FK28X7R1C684K
FK18X7R1C684K
X7R
1μF
±10%
16
FK28X7R1C105K
FK18X7R1C105K
X7R
1.5μF
±10%
6.3
FK28X7R0J155K
FK18X7R0J155K
X7R
2.2μF
±10%
6.3
FK28X7R0J225K
FK18X7R0J225K
X5R
0.22μF
±10%
25
FK28X5R1E224K
FK18X5R1E224K
X5R
0.33μF
±10%
25
FK28X5R1E334K
FK18X5R1E334K
X5R
0.47μF
±10%
25
FK28X5R1E474K
FK18X5R1E474K
X5R
0.68μF
±10%
25
FK28X5R1E684K
FK18X5R1E684K
X5R
1μF
±10%
25
FK28X5R1E105K
FK18X5R1E105K
X5R
0.47μF
±10%
16
FK28X5R1C474K
FK18X5R1C474K
X5R
0.68μF
±10%
16
FK28X5R1C684K
FK18X5R1C684K
X5R
1μF
±10%
16
FK28X5R1C105K
FK18X5R1C105K
X5R
1.5μF
±10%
16
FK28X5R1C155K
FK18X5R1C155K
X5R
2.2μF
±10%
16
FK28X5R1C225K
FK18X5R1C225K
X5R
0.33μF
±10%
10
FK28X5R1A334K
FK18X5R1A334K
X5R
0.47μF
±10%
10
FK28X5R1A474K
FK18X5R1A474K
X5R
0.68μF
±10%
10
FK28X5R1A684K
FK18X5R1A684K
X5R
1μF
±10%
10
FK28X5R1A105K
FK18X5R1A105K
X5R
1.5μF
±10%
10
FK28X5R1A155K
FK18X5R1A155K
X5R
2.2μF
±10%
10
FK28X5R1A225K
FK18X5R1A225K
X5R
3.3μF
±10%
10
FK28X5R1A335K
FK18X5R1A335K
X5R
4.7μF
±10%
10
FK28X5R1A475K
FK18X5R1A475K
4.0max.
5.0
±1.0
2.5max.
Dimensions in mm
FK28
FK18
2.5
±0.8
4.0max.
2.5max.
2.5max.
2.5max.
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


Similar Part No. - FK18C0G2A821J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK18C0G2A821J TDK-FK18C0G2A821J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK18C0G2A821J TDK-FK18C0G2A821J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2A821J TDK-FK18C0G2A821J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK18C0G2A821J TDK-FK18C0G2A821J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
More results

Similar Description - FK18C0G2A821J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com