Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7540J-15 Datasheet(PDF) 6 Page - Anachip Corp

Part # PA7540J-15
Description  PA7540 PEEL Array Programmable Electrically Erasable Logic Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PA7540J-15 Datasheet(HTML) 6 Page - Anachip Corp

Back Button PA7540J-15 Datasheet HTML 2Page - Anachip Corp PA7540J-15 Datasheet HTML 3Page - Anachip Corp PA7540J-15 Datasheet HTML 4Page - Anachip Corp PA7540J-15 Datasheet HTML 5Page - Anachip Corp PA7540J-15 Datasheet HTML 6Page - Anachip Corp PA7540J-15 Datasheet HTML 7Page - Anachip Corp PA7540J-15 Datasheet HTML 8Page - Anachip Corp PA7540J-15 Datasheet HTML 9Page - Anachip Corp PA7540J-15 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
04-02-051B
Table 1. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply Voltage
Relative to Ground
-0.5 to + 7.0
V
VI, VO
Voltage Applied to Any Pin
Relative to Ground
1
-0.5 to VCC + 0.6
V
IO
Output Current
Per pin (IOL, IOH)
±25
mA
TST
Storage Temperature
-65 to + 150
°C
TLT
Lead Temperature
Soldering 10 seconds
+300
°C
Table 2. Operating Ranges
Symbol
Parameter
Conditions
Min
Max
Unit
Commercial
4.75
5.25
VCC
Supply Voltage
Industrial
4.5
5.5
V
Commercial
0
+70
TA
Ambient Temperature
Industrial
-40
+85
°C
TR
Clock Rise Time
See Note 2
20
ns
TF
Clock Fall Time
See Note 2
20
ns
TRVCC
VCC Rise Time
See Note 2
250
ms
Table 3. D.C. Electrical Characteristics
Over the Operating Range
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output HIGH Voltage - TTL
VCC = Min, IOH = -4.0mA
2.4
V
VOHC
Output HIGH Voltage -
CMOS
VCC = Min, IOH = -10µA
VCC - 0.3
V
VOL
Output LOW Voltage - TTL
VCC = Min, IOL = 16mA
0.5
V
VOLC
Output LOW Voltage -
CMOS
VCC = Min, IOL = -10µA
0.15
V
VIH
Input HIGH Level
2.0
VCC + 0.3
V
VIL
Input LOW Level
-0.3
0.8
V
IIL
Input Leakage Current
VCC = Max, GND
≤VIN ≤VCC
±10
µA
IOZ
Output Leakage Current
I/O = High-Z, GND
≤VO ≤VCC
±10
µA
ISC
Output Short Circuit
Current
4
VCC = 5V, VO = 0.5V, TA= 25°C
-30
-120
mA
-15
80
ICC
11
VCC Current
VIN = 0V or VCC
3,11
f = 25MHz
All outputs disabled
4
I-15
55 (typ.)
18
90
mA
CIN
7
Input Capacitance
5
6
pF
COUT
7
Output Capacitance
5
TA = 25°C, VCC = 5.0V @ f = 1 MHz
12
pF


Similar Part No. - PA7540J-15

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results

Similar Description - PA7540J-15

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
   Programmable Electrically Erasable Logic Array
logo
List of Unclassifed Man...
PEEL16V8P-15 ETC2-PEEL16V8P-15 Datasheet
206Kb / 10P
   PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic
logo
Anachip Corp
PEEL22CV10AP-7 ANACHIP-PEEL22CV10AP-7 Datasheet
248Kb / 10P
   PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com