Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39192B9611P810 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39192B9611P810
Description  SAW Filter for smallcells
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39192B9611P810 Datasheet(HTML) 5 Page - TDK Electronics

  B39192B9611P810 Datasheet HTML 1Page - TDK Electronics B39192B9611P810 Datasheet HTML 2Page - TDK Electronics B39192B9611P810 Datasheet HTML 3Page - TDK Electronics B39192B9611P810 Datasheet HTML 4Page - TDK Electronics B39192B9611P810 Datasheet HTML 5Page - TDK Electronics B39192B9611P810 Datasheet HTML 6Page - TDK Electronics B39192B9611P810 Datasheet HTML 7Page - TDK Electronics B39192B9611P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
May 20, 2014
B9611
1880.00 MHz
SAW Components
SAW Filter for smallcells
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Transfer function (Narrowband)
Transfer function (wideband)


Similar Part No. - B39192B9611P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39192B9312N410 EPCOS-B39192B9312N410 Datasheet
174Kb / 12P
   SAW Tx 2in1 Filter 836.5 / 1880.0 MHz
B39192B9428K610 EPCOS-B39192B9428K610 Datasheet
81Kb / 9P
   SAW Tx filter WCDMA Band II (PCS-Band)
logo
TDK Electronics
B39192B9458P810 TDK-B39192B9458P810 Datasheet
130Kb / 8P
   SAW Tx filter
logo
EPCOS
B39192B9459P810 EPCOS-B39192B9459P810 Datasheet
110Kb / 9P
   SAW TX Filter PCS / WCDMA Band II
logo
TDK Electronics
B39192B9459P810 TDK-B39192B9459P810 Datasheet
129Kb / 9P
   SAW TX Filter
More results

Similar Description - B39192B9611P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B9619P810 TDK-B39202B9619P810 Datasheet
143Kb / 9P
   SAW Components SAW Filter for smallcells
B39202B9610P810 TDK-B39202B9610P810 Datasheet
163Kb / 8P
   SAW Components SAW Filter for smallcells
B39172B9617P810 TDK-B39172B9617P810 Datasheet
119Kb / 8P
   SAW filter for smallcells and femtocells
B39881B9612P810 TDK-B39881B9612P810 Datasheet
110Kb / 8P
   SAW filter for smallcells and femtocells
B39711B9616P810 TDK-B39711B9616P810 Datasheet
107Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39741B9620P810 TDK-B39741B9620P810 Datasheet
110Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39212B9615P810 TDK-B39212B9615P810 Datasheet
142Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39202B8310P810 TDK-B39202B8310P810 Datasheet
133Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39841B9613P810 TDK-B39841B9613P810 Datasheet
199Kb / 8P
   SAW Components SAW filter for smallcells and femtocells
B39162B9621P810 TDK-B39162B9621P810 Datasheet
127Kb / 10P
   SAW Components SAW filter for smallcells and femtocells
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com