Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7540S-15 Datasheet(PDF) 9 Page - Anachip Corp

Part # PA7540S-15
Description  PA7540 PEEL Array Programmable Electrically Erasable Logic Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PA7540S-15 Datasheet(HTML) 9 Page - Anachip Corp

Back Button PA7540S-15 Datasheet HTML 2Page - Anachip Corp PA7540S-15 Datasheet HTML 3Page - Anachip Corp PA7540S-15 Datasheet HTML 4Page - Anachip Corp PA7540S-15 Datasheet HTML 5Page - Anachip Corp PA7540S-15 Datasheet HTML 6Page - Anachip Corp PA7540S-15 Datasheet HTML 7Page - Anachip Corp PA7540S-15 Datasheet HTML 8Page - Anachip Corp PA7540S-15 Datasheet HTML 9Page - Anachip Corp PA7540S-15 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
04-02-051B
Figure 15. Sequential Timing – Waveforms and Block Diagram
Notes
1. Minimum DC input is -0.5V, however inputs may under-shoot to -2.0V
for periods less than 20ns.
2.Test points for Clock and VCC in tR,tF,tCL,tCH, and tRESET are referenced at
10% and 90% levels.
3. I/O pins are 0V or VCC.
4. Test one output at a time for a duration of less than 1 sec.
5. Capacitances are tested on a sample basis.
6. Test conditions assume: signal transition times of 5ns or less from the
10% and 90% points, timing reference levels of 1.5V (unless
otherwise specified).
7. tOE is measured from input transition to VREF ±0.1V (See test loads at
end of Section 6 for VREF value). tOD is measured from input transition
to VOH -0.1V or VOL +0.1V.
8. DIP: “System-clock” refers to pin 1/13 high speed clocks. PLCC: “Sys-
tem-clock” refers to pin 2/16 high speed clocks.
9. For T or JK registers in toggle (divide by 2) operation only.
10. For combinatorial and async-clock to LCC output delay.
11. ICC for a typical application: This parameter is tested with the device
programmed as a 10-bit D-type counter.
12. Test loads are specified in Section 5 of the Data Book.
13. “Async. Clock” refers to the clock from the Sum term (OR gate).
14. The “LCC” term indicates that the timing parameter is applied to the
LCC register. The “LCC/IOC” term indicates that the timing
parameter is applied to both the LCC and IOC registers.
16. The term “input” without any reference to another term refers to an
(external) input pin.
17. The parameter tSPI indicates that the PCLK signal to the IOC register
is always slower than the data from the pin or input by the absolute
value of (tSK -tPK -tIA). This means that no set-up time for the data
from the pin or input is required, i.e. the external data and clock can
be sent to the device simultaneously. Additionally, the data from the
pin must remain stable for tHPI time, i.e. to wait for the PCLK signal to
arrive at the IOC register.
18. Typical (typ) ICC is measured at TA = 25° C, freq = 25MHZ, VCC =
5V


Similar Part No. - PA7540S-15

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results

Similar Description - PA7540S-15

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
   Programmable Electrically Erasable Logic Array
logo
List of Unclassifed Man...
PEEL16V8P-15 ETC2-PEEL16V8P-15 Datasheet
206Kb / 10P
   PEEL??V8 -15/-25 CMOS Programmable Electrically Erasable Logic
logo
Anachip Corp
PEEL22CV10AP-7 ANACHIP-PEEL22CV10AP-7 Datasheet
248Kb / 10P
   PEEL??22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com