Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA2310UA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA2310UA
Description  Stereo Audio Volume Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2310UA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button PGA2310UA Datasheet HTML 2Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 3Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 4Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 5Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 6Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 7Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 8Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 9Page - Burr-Brown (TI) PGA2310UA Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PGA2310
SBOS207B − OCTOBER 2001 − REVISED JUNE 2004
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VA+ = +15V, VA− = −15V, VD+ = +5V, RL = 100kΩ, CL = 20pF, BW measure = 10Hz to 20kHz, unless otherwise noted.
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
AMPLITUDE vs FREQUENCY
(Crosstalk with f
IN =1kHz)
20
4k
6k
2k
10k 12k
8k
16k 18k 20k
14k
22k
Frequency (Hz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
AMPLITUDE vs FREQUENCY
(Crosstalk with f
IN =10kHz)
04k
6k
2k
10k 12k
8k
16k 18k 20k
14k
22k
Frequency (Hz)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
−160
AMPLITUDE vs FREQUENCY
(Crosstalk with f
IN = 20kHz)
0
4k
6k
2k
10k 12k
8k
16k 18k 20k
14k
22k
Frequency (Hz)


Similar Part No. - PGA2310UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310UA BURR-BROWN-PGA2310UA Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310UA BURR-BROWN-PGA2310UA Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2310UA/1K BURR-BROWN-PGA2310UA/1K Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310UA/1K BURR-BROWN-PGA2310UA/1K Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2310UA/1KG4 BURR-BROWN-PGA2310UA/1KG4 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results

Similar Description - PGA2310UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com