Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39202B3668U410 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39202B3668U410
Description  SAW filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39202B3668U410 Datasheet(HTML) 3 Page - TDK Electronics

  B39202B3668U410 Datasheet HTML 1Page - TDK Electronics B39202B3668U410 Datasheet HTML 2Page - TDK Electronics B39202B3668U410 Datasheet HTML 3Page - TDK Electronics B39202B3668U410 Datasheet HTML 4Page - TDK Electronics B39202B3668U410 Datasheet HTML 5Page - TDK Electronics B39202B3668U410 Datasheet HTML 6Page - TDK Electronics B39202B3668U410 Datasheet HTML 7Page - TDK Electronics B39202B3668U410 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
June 06, 2012
B3668
1950.0 MHz
SAW Components
SAW filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1950.0
MHz
Maximum insertion attenuation
α
max
1920.0
... 1980.0
MHz
3.0
3.5
dB
Amplitude ripple (p-p)
∆α
1920.0
... 1980.0
MHz
1.5
2.1
dB
Return loss
1805.0
... 1880.0
MHz
8.0
10.0
dB
Attenuation
α
0.0
... 1400.0
MHz
22.0
25.0
dB
1400.0
... 1495.0
MHz
25.0
28.0
dB
1495.0
... 1700.0
MHz
28.0
31.0
dB
1700.0
... 1870.0
MHz
30.0
34.0
dB
1870.0
... 1880.0
MHz
20.0 1)
1) min. 15dB (T>45 ˚C
)
30.0
dB
2000.0
... 2015.0
MHz
3.5
6.0
dB
2015.0
... 2030.0
MHz
8.0
20.0
dB
2030.0
... 2050.0
MHz
35.0
45.0
dB
2050.0
... 2080.0
MHz
33.0
37.0
dB
2080.0
... 2170.0
MHz
30.0
34.0
dB
2170.0
... 5000.0
MHz
25.0
30.0
dB
5000.0
... 5800.0
MHz
10.0
12.0
dB
5800.0
... 6000.0
MHz
8.0
10.0
dB


Similar Part No. - B39202B3668U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39202B3513U510 EPCOS-B39202B3513U510 Datasheet
68Kb / 6P
   SAW Components
B39202B3515H910 EPCOS-B39202B3515H910 Datasheet
102Kb / 9P
   SAW Components
More results

Similar Description - B39202B3668U410

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com