Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39122B1653B510 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39122B1653B510
Description  SAW Components SAW RF low loss filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39122B1653B510 Datasheet(HTML) 4 Page - TDK Electronics

  B39122B1653B510 Datasheet HTML 1Page - TDK Electronics B39122B1653B510 Datasheet HTML 2Page - TDK Electronics B39122B1653B510 Datasheet HTML 3Page - TDK Electronics B39122B1653B510 Datasheet HTML 4Page - TDK Electronics B39122B1653B510 Datasheet HTML 5Page - TDK Electronics B39122B1653B510 Datasheet HTML 6Page - TDK Electronics B39122B1653B510 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
December 18, 2009
B1653
1178.12 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Matching network (element values depend on PCB layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
V
machine model, 1 pulse
Input power at
1158.12... 1198.12 MHz PIN
0
dBm
source impedance 150
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
Transfer function
Lp1
Lp2
Lp1 = 27nH
Lp2 = 27nH


Similar Part No. - B39122B1653B510

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39122B1610U810 TDK-B39122B1610U810 Datasheet
88Kb / 6P
   SAW Components Low-Loss Filter
B39122B1614U810 TDK-B39122B1614U810 Datasheet
79Kb / 6P
   SAW Components Low-Loss Filter
B39122B1665U510 TDK-B39122B1665U510 Datasheet
177Kb / 7P
   SAW Components SAW RF low loss filter
B39122B1677B510 TDK-B39122B1677B510 Datasheet
128Kb / 7P
   SAW Components SAW RF low loss filter
More results

Similar Description - B39122B1653B510

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39122B1665U510 TDK-B39122B1665U510 Datasheet
177Kb / 7P
   SAW Components SAW RF low loss filter
B39142B1675B510 TDK-B39142B1675B510 Datasheet
103Kb / 8P
   SAW Components SAW RF low loss filter
B39162B1657B510 TDK-B39162B1657B510 Datasheet
78Kb / 7P
   SAW Components SAW RF low loss filter
B39212B1640U510 TDK-B39212B1640U510 Datasheet
84Kb / 7P
   SAW Components SAW RF low loss filter
B39212B1662B510 TDK-B39212B1662B510 Datasheet
84Kb / 7P
   SAW Components SAW RF low loss filter
B39152B1635U510 TDK-B39152B1635U510 Datasheet
83Kb / 7P
   SAW Components SAW RF low loss filter
B39112B1652B510 TDK-B39112B1652B510 Datasheet
76Kb / 7P
   SAW Components SAW RF low loss filter
B39122B1677B510 TDK-B39122B1677B510 Datasheet
128Kb / 7P
   SAW Components SAW RF low loss filter
B39132B1642U810 TDK-B39132B1642U810 Datasheet
87Kb / 8P
   SAW Components SAW RF low loss filter
B39142B1666U510 TDK-B39142B1666U510 Datasheet
172Kb / 7P
   SAW Components SAW RF low loss filter
B39162B1649B510 TDK-B39162B1649B510 Datasheet
107Kb / 8P
   SAW Components SAW RF low loss filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com