Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH16245ADL Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH16245ADL
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH16245ADL Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVTH16245ADL Datasheet HTML 2Page - Texas Instruments SN74LVTH16245ADL Datasheet HTML 3Page - Texas Instruments SN74LVTH16245ADL Datasheet HTML 4Page - Texas Instruments SN74LVTH16245ADL Datasheet HTML 5Page - Texas Instruments SN74LVTH16245ADL Datasheet HTML 6Page - Texas Instruments SN74LVTH16245ADL Datasheet HTML 7Page - Texas Instruments SN74LVTH16245ADL Datasheet HTML 8Page - Texas Instruments SN74LVTH16245ADL Datasheet HTML 9Page - Texas Instruments SN74LVTH16245ADL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN54LVTH16245A, SN74LVTH16245A
3.3V ABT 16BIT BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS143P − MAY 1992 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTH16245A
SN74LVTH16245A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
tPLH
A or B
B or A
0.5
4.5
4.6
1.5
2.3
3.3
3.7
ns
tPHL
A or B
B or A
0.5
4.4
3.9
1.3
2.1
3.3
3.5
ns
tPZH
OE
A or B
0.5
6.5
6.6
1.5
2.8
4.5
5.3
ns
tPZL
OE
A or B
0.5
5.4
6.2
1.6
2.9
4.6
5.2
ns
tPHZ
OE
A or B
1
6.8
7
2.3
3.7
5.1
5.5
ns
tPLZ
OE
A or B
1
6.2
6.3
2.2
3.5
5.1
5.4
ns
tsk(o)
0.5
0.5
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - SN74LVTH16245ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16245ADL TI-SN74LVTH16245ADL Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16245ADL TI-SN74LVTH16245ADL Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16245ADL TI-SN74LVTH16245ADL Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16245ADL TI-SN74LVTH16245ADL Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16245ADL TI1-SN74LVTH16245ADL Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH16245ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_08 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com