Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1601G Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # FR1601G
Description  16.0A FAST RECOVERY GLASS PASSIVATEDRECTIFIE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

FR1601G Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  FR1601G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd FR1601G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd FR1601G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd FR1601G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0452, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
FR1601G-FR1607G
16.0A FAST RECOVERY GLASS PASSIVATEDRECTIFIE
R


Similar Part No. - FR1601G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR1601G WTE-FR1601G Datasheet
54Kb / 3P
   16A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
FR1601G TSC-FR1601G Datasheet
98Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G Datasheet
343Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G Datasheet
193Kb / 2P
   16.0 AMPs. Glass Passivated Fast Recovery Rectifiers
logo
Sangdest Microelectroni...
FR1601GCT SMC-FR1601GCT Datasheet
175Kb / 4P
   16.0A FAST RECOVERY GLASS PASSIVATEDRECTIFIER
More results

Similar Description - FR1601G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
FR1601GCT SMC-FR1601GCT Datasheet
175Kb / 4P
   16.0A FAST RECOVERY GLASS PASSIVATEDRECTIFIER
logo
Zibo Seno Electronic En...
ER1610FCT ZSELEC-ER1610FCT Datasheet
166Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFF1610CT ZSELEC-SFF1610CT Datasheet
103Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1610CT ZSELEC-MURF1610CT Datasheet
152Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFB1610CT ZSELEC-SFB1610CT Datasheet
130Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MURB1610CT ZSELEC-MURB1610CT Datasheet
238Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Frontier Electronics.
EF1605CT FRONTIER-EF1605CT Datasheet
1Mb / 2P
   16.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
EF1605FCT FRONTIER-EF1605FCT Datasheet
1Mb / 2P
   16.0A GLASS PASSIVATED EFFICIENCY FAST RECTIFIERS-50-600V
logo
Zibo Seno Electronic En...
GSA1601 ZSELEC-GSA1601 Datasheet
133Kb / 2P
   16.0A GLASS PASSIVATED RECTIFIER
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
60Kb / 2P
   FAST RECOVERY GLASS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com