Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8030HL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8030HL
Description  USB smart card reader (OTP or ROM)
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8030HL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8030HL Datasheet HTML 6Page - NXP Semiconductors TDA8030HL Datasheet HTML 7Page - NXP Semiconductors TDA8030HL Datasheet HTML 8Page - NXP Semiconductors TDA8030HL Datasheet HTML 9Page - NXP Semiconductors TDA8030HL Datasheet HTML 10Page - NXP Semiconductors TDA8030HL Datasheet HTML 11Page - NXP Semiconductors TDA8030HL Datasheet HTML 12Page - NXP Semiconductors TDA8030HL Datasheet HTML 13Page - NXP Semiconductors TDA8030HL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
2003 Jul 04
10
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
7.2
TDA8031
SYMBOL
PIN
DESCRIPTION
P12
1
8xC51 general purpose I/O port (USB_MC_READY)
P13
2
8xC51 general purpose I/O port (USB_CLK_EN_N)
P14
3
8xC51 general purpose I/O port (USB_RESET_N)
P15
4
8xC51 general purpose I/O port (USB_SOFTCONNECT_EXT)
P16
5
8xC51 general purpose I/O port (available for the application)
P17
6
8xC51 general purpose I/O port (available for the application)
RESET
7
reset input (active HIGH, integrated pull-down resistor to ground)
RFU
8
test pin; leave open-circuit in the application
RFU
9
test pin; leave open-circuit in the application
DELATT
10
delayed attachment reference signal output for external pull-up resistor on pin D+ (an internal
1.5 k
Ω pull-up resistor is already embedded in the chip)
RFU
11
test pin; leave open-circuit in the application
SCANEN
12
connect to GND within the application; for programming the EPROM connect to VDD as well
as pin TEST (pin 22); also used for test purposes
I/O
13
data input/output from the card (C7); 14 k
Ω integrated pull-up resistor connected to V
CC
RFU
14
test pin; leave open-circuit in the application
C8
15
auxiliary I/O for C8 contact; 14 k
Ω integrated pull-up resistor connected to V
CC
PRES
16
card presence detection input (active HIGH; no need for external pull-up)
C4
17
auxiliary I/O for C4 contact; 14 k
Ω integrated pull-up resistor connected to VCC
CGND
18
cards ground (C5) Must be connected to GND
CLK
19
clock output (C30)
VCC
20
card supply output voltage (ISO C1 contact); must be decoupled with two 100 nF low ESR
ceramic capacitors to CGND
RST
21
cards reset output (C2)
TEST
22
test pin input
VUP
23
output of the DC-to-DC converter (decouple with a 1
µF capacitor to STGND)
LX
24
DC-to-DC converter inductor connection (a Schottky diode should be tied to VUP)
STGND
25
DC-to-DC converter ground connection
VDD
26
soft switched positive supply voltage (decouple with 10
µF capacitor to GND)
VDDU
27
positive supply voltage for the bus (4.2 to 5.5 V)
UGND
28
bus ground
D+
29
USB D+ data line
D
30
USB D
− data line
CDELAY
31
connection for an external capacitor to ground determining the Power-on reset pulse width
(typ 1 ms per 2 nF)
P30/RxD
32
8xC51 general purpose I/O port/serial input port (available for the application)
P31/TxD
33
8xC51 general purpose I/O port/serial output port (available for the application)
P32/INT0
34
8xC51 general purpose I/O port/external interrupt 0 (used by the ISO UART))
P33/INT1
35
8xC51 general purpose I/O port/external interrupt 1 (used by the USB interface)
P34
36
8xC51 general purpose I/O port (USB_SUSPEND in TDA8030)


Similar Part No. - TDA8030HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8034AT NXP-TDA8034AT Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
TDA8034HN NXP-TDA8034HN Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
TDA8034HN-C1,151 NXP-TDA8034HN-C1,151 Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
TDA8035C1 NXP-TDA8035C1 Datasheet
918Kb / 32P
   Smart card interface externally by a resistor bridge
Rev. 1.0-19 April 2011
More results

Similar Description - TDA8030HL

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
List of Unclassifed Man...
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com