Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39162B3518H910 Datasheet(PDF) 6 Page - TDK Electronics

Part # B39162B3518H910
Description  SAW Components SAW Diplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39162B3518H910 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B39162B3518H910 Datasheet HTML 2Page - TDK Electronics B39162B3518H910 Datasheet HTML 3Page - TDK Electronics B39162B3518H910 Datasheet HTML 4Page - TDK Electronics B39162B3518H910 Datasheet HTML 5Page - TDK Electronics B39162B3518H910 Datasheet HTML 6Page - TDK Electronics B39162B3518H910 Datasheet HTML 7Page - TDK Electronics B39162B3518H910 Datasheet HTML 8Page - TDK Electronics B39162B3518H910 Datasheet HTML 9Page - TDK Electronics B39162B3518H910 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
May 16, 2013
B3518
1575.00 / 1602.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Diplexer
Data sheet
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Input power
PIN
10
dBm


Similar Part No. - B39162B3518H910

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39162B3518H910 EPCOS-B39162B3518H910 Datasheet
114Kb / 11P
   SAW Diplexer Automotive telematics
More results

Similar Description - B39162B3518H910

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39232B3927U510 TDK-B39232B3927U510 Datasheet
130Kb / 10P
   SAW Components SAW Diplexer
B39431B3533A410 TDK-B39431B3533A410 Datasheet
117Kb / 11P
   SAW Components SAW Diplexer
B39431B3536A410 TDK-B39431B3536A410 Datasheet
116Kb / 11P
   SAW Components SAW Diplexer
B39311B3535A410 TDK-B39311B3535A410 Datasheet
122Kb / 11P
   SAW Components SAW Diplexer
B3533 TDK-B3533 Datasheet
107Kb / 11P
   SAW Components SAW Diplexer Short range devices
B3535 TDK-B3535 Datasheet
112Kb / 11P
   SAW Components SAW Diplexer Short range devices
B39162B3923U410 TDK-B39162B3923U410 Datasheet
121Kb / 8P
   SAW Components SAW filter
B39321R1921A310 TDK-B39321R1921A310 Datasheet
52Kb / 5P
   SAW Components SAW resonator
B39431B3933H110 TDK-B39431B3933H110 Datasheet
110Kb / 10P
   SAW Components SAW filter
B39431B3743H110 TDK-B39431B3743H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com