Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VQ3001P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VQ3001P
Description  Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VQ3001P Datasheet(HTML) 4 Page - Vishay Siliconix

  VQ3001P Datasheet HTML 1Page - Vishay Siliconix VQ3001P Datasheet HTML 2Page - Vishay Siliconix VQ3001P Datasheet HTML 3Page - Vishay Siliconix VQ3001P Datasheet HTML 4Page - Vishay Siliconix VQ3001P Datasheet HTML 5Page - Vishay Siliconix VQ3001P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VQ3001J/P
Vishay Siliconix
www.vishay.com
11-4
Document Number: 70221
S-04279—Rev. D, 16-Jul-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
N-CHANNEL
0.1
1
10
100
10
1
VDD = 25 V
RG = 25
W
VGS = 0 to 10 V
td(on)
Threshold Region
Capacitance
Gate Charge
Load Condition Effects on Switching
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (pC)
td(off)
tr
tf
10
1
0.6
0.8
2.0
1.0
1.2
1.4
1.6
1.8
–55
_C
0.1
0.01
100
_C
25
_C
TJ = 150
_C
120
100
80
0
010
50
60
40
20
30
40
20
6
5
4
0
0
80
400
3
2
160
240
320
1
24 V
10
50
100
100
10
1
VDD = 25 V
RL = 24
W
VGS = 0 to 10 V
ID = 1 A
500
400
300
0
0
100
500
200
100
200
300
400
150
_C
25
_C
TJ = –55
_C
ID – Drain Current (mA)
Transconductance
Drive Resistance Effects on Switching
td(on)
td(off)
tr
tf
ID = 1 A
RG – Gate Resistance (
W)
VDS = 7.5 V
300
ms, 1% Duty Cycle
Pulse Test
VDS = 10 V
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS = 15 V


Similar Part No. - VQ3001P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VQ3001P VISHAY-VQ3001P Datasheet
63Kb / 7P
   Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
18-Jul-08
More results

Similar Description - VQ3001P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VQ3001J VISHAY-VQ3001J_V01 Datasheet
63Kb / 7P
   Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
18-Jul-08
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com