Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6373 Datasheet(PDF) 8 Page - ON Semiconductor

Part # 1N6373
Description  1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N6373 Datasheet(HTML) 8 Page - ON Semiconductor

  1N6373 Datasheet HTML 1Page - ON Semiconductor 1N6373 Datasheet HTML 2Page - ON Semiconductor 1N6373 Datasheet HTML 3Page - ON Semiconductor 1N6373 Datasheet HTML 4Page - ON Semiconductor 1N6373 Datasheet HTML 5Page - ON Semiconductor 1N6373 Datasheet HTML 6Page - ON Semiconductor 1N6373 Datasheet HTML 7Page - ON Semiconductor 1N6373 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1N6373 – 1N6381 Series (ICTE–5 – ICTE–36, MPTE–5 – MPTE–45)
http://onsemi.com
8
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make
changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all
liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death
may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
JAPAN: ON Semiconductor, Japan Customer Focus Center
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan 141–0031
Phone: 81–3–5740–2700
Email: r14525@onsemi.com
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
1N6373/D
Mosorb and Surmetic are trademarks of Semiconductor Components Industries, LLC.
Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303–675–2175 or 800–344–3860 Toll Free USA/Canada
Fax: 303–675–2176 or 800–344–3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
N. American Technical Support: 800–282–9855 Toll Free USA/Canada


Similar Part No. - 1N6373

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6373 ETC-1N6373 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
Vishay Siliconix
1N6373 VISHAY-1N6373 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Motorola, Inc
1N6373 MOTOROLA-1N6373 Datasheet
50Kb / 6P
   Zener Transient Voltage Suppressors Unidirectional and Bidirectional
logo
New Jersey Semi-Conduct...
1N6373 NJSEMI-1N6373 Datasheet
102Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V
logo
Vishay Siliconix
1N6373 VISHAY-1N6373 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
More results

Similar Description - 1N6373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com