Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-52J Datasheet(PDF) 3 Page - CUI INC

Part # SD-52J
Description  STANDARD DIN CONNECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SD-52J Datasheet(HTML) 3 Page - CUI INC

  SD-52J Datasheet HTML 1Page - CUI INC SD-52J Datasheet HTML 2Page - CUI INC SD-52J Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CUI Inc
│ SERIES: SD-XXJ │ DESCRIPTION: STANDARD DIN CONNECTOR
date 05/13/2015
│ page 3 of 3
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
02/23/2006
1.01
new template applied
02/22/2012
1.02
corrected center pin positioning on SD-80J and SD-81J
10/01/2013
1.03
updated datasheet
05/13/2015
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.


Similar Part No. - SD-52J

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-52207-067 MOLEX-SD-52207-067 Datasheet
536Kb / 5P
   EMBOSSED TAPE PACKAGED 1.0 MM FPC CONN ZIF R/A HOUSING ASSY
SD-52207-069 MOLEX11-SD-52207-069 Datasheet
513Kb / 5P
   1.0 MM FPC CONN. ZIF R/A HOUSING ASSY (UPPER CONTACT)
2013/03/15
SD-52207-069 MOLEX-SD-52207-069 Datasheet
536Kb / 5P
   EMBOSSED TAPE PACKAGED 1.0 MM FPC CONN ZIF R/A HOUSING ASSY
SD-52207-070 MOLEX11-SD-52207-070 Datasheet
513Kb / 5P
   1.0 MM FPC CONN. ZIF R/A HOUSING ASSY (UPPER CONTACT)
2013/03/15
SD-52207-070 MOLEX-SD-52207-070 Datasheet
536Kb / 5P
   EMBOSSED TAPE PACKAGED 1.0 MM FPC CONN ZIF R/A HOUSING ASSY
More results

Similar Description - SD-52J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
   STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com