Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39171B3883Z710 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39171B3883Z710
Description  SAW filters for infrastructure systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39171B3883Z710 Datasheet(HTML) 3 Page - TDK Electronics

  B39171B3883Z710 Datasheet HTML 1Page - TDK Electronics B39171B3883Z710 Datasheet HTML 2Page - TDK Electronics B39171B3883Z710 Datasheet HTML 3Page - TDK Electronics B39171B3883Z710 Datasheet HTML 4Page - TDK Electronics B39171B3883Z710 Datasheet HTML 5Page - TDK Electronics B39171B3883Z710 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jun 25, 2004
SAW Components
B3883
168,96 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T = 0 .. +85 ˚C
Terminating source impedance:
ZS=50 Ω single ended and matching network.
Terminating load impedance:
ZS=75 Ω balanced and matching network.
1) Phase Linearity: where k = (-5, -4 .... +5)
min.
typ.
max.
Nominal frequency
fN
168,96
MHz
Minimum insertion attenuation
α
min
8,0
9,5
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
14,5
MHz
α
rel ≤ 5 dB
B5dB
18,5
MHz
α
rel ≤ 30 dB
B30dB
19,5
MHz
Amplitude ripple (p-p)
∆α
fN ± 6,95 MHz
1,5
2,0
dB
Group delay ripple (p-p)
∆τ
fN ± 6,95 MHz
70
100
ns
Phase Linearity1) (rms)
∆ϕ
fN − 5,0 MHz ± 1,92 MHz
1,2
2,0
˚
fN
± 1,92 MHz
1,6
2,0
˚
fN + 5,0 MHz ± 1,92 MHz
1,0
2,0
˚
fN + k∗1,25 MHz ± 0,6144 MHz
1,3
2,0
˚
Average Error Vector Magnitude
EVM
fN − 5,0 MHz ± 1,92 MHz
3,0
4,0
%
fN
± 1,92 MHz
3,8
4,5
%
fN + 5,0 MHz ± 1,92 MHz
3,2
4,0
%
fN + k∗1,25 MHz ± 0,6144 MHz
3,3
4,0
%
Relative attenuation (relative to
α
min)
α
rel
fN −17,5 MHz ...
fN − 66,0 MHz
40
43
dB
fN + 17,5 MHz ...
fN + 19,5 MHz
39
42
dB
fN + 19,5 MHz ...
fN + 23,5 MHz
33
43
dB
fN + 23,5 MHz ...
fN + 66,0 MHz
40
44
dB
Temperature coefficient of frequency
TCf
-87
ppm/K


Similar Part No. - B39171B3883Z710

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39171B3881Z710 TDK-B39171B3881Z710 Datasheet
107Kb / 8P
   SAW Components SAW filter
B39171B3882Z710 TDK-B39171B3882Z710 Datasheet
158Kb / 6P
   SAW filters for infrastructure systems
More results

Similar Description - B39171B3883Z710

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39331B3807U310 EPCOS-B39331B3807U310 Datasheet
55Kb / 7P
   SAW filters for infrastructure systems
logo
TDK Electronics
B39931B4018Z810 TDK-B39931B4018Z810 Datasheet
97Kb / 6P
   SAW filters for infrastructure systems
B39171B3882Z710 TDK-B39171B3882Z710 Datasheet
158Kb / 6P
   SAW filters for infrastructure systems
logo
PANDUIT CORP.
S100X225VA1Y PANDUIT-S100X225VA1Y Datasheet
138Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
TM2S6-C PANDUIT-TM2S6-C Datasheet
130Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P2-38R-X PANDUIT-P2-38R-X Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
GPB24-X PANDUIT-GPB24-X Datasheet
352Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
S100X400VADY PANDUIT-S100X400VADY Datasheet
138Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
CDE1 PANDUIT-CDE1 Datasheet
114Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
logo
TDK Electronics
B39202B4219U810 TDK-B39202B4219U810 Datasheet
130Kb / 12P
   SAW filters for mobile communications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com