Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNR521M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UNR521M
Description  Silicon NPN epitaxial planar type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR521M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UNR521M Datasheet HTML 1Page - Panasonic Semiconductor UNR521M Datasheet HTML 2Page - Panasonic Semiconductor UNR521M Datasheet HTML 3Page - Panasonic Semiconductor UNR521M Datasheet HTML 4Page - Panasonic Semiconductor UNR521M Datasheet HTML 5Page - Panasonic Semiconductor UNR521M Datasheet HTML 6Page - Panasonic Semiconductor UNR521M Datasheet HTML 7Page - Panasonic Semiconductor UNR521M Datasheet HTML 8Page - Panasonic Semiconductor UNR521M Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
UNR521x Series
2
SJH00024CED
■ Electrical Characteristics T
a = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC
= 2 mA, I
B
= 050
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 50 V, IE = 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 50 V, IB = 0
0.5
Emitter-base UNR5210/5215/5216/5217
IEBO
VEB
= 6 V, I
C
= 0
0.01
mA
cutoff current UNR5213
0.1
(Collector
UNR5212/5214/521D/
0.2
open)
521E/521M/521N/521T
UNR521Z
0.4
UNR5211
0.5
UNR521F/521K
1.0
UNR5219
1.5
UNR5218/521L/521V
2.0
Forward
UNR521V
hFE
VCE
= 10 V, I
C
= 5 mA
6
20
current
UNR5218/521K/521L
20
transfer
UNR5219/521D/521F
30
ratio
UNR5211
35
UNR5212/521E
60
UNR521Z
60
200
UNR5213/5214/521M
80
UNR521N/521T
80
400
UNR5210*/5215*/5216*/5217*
160
460
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 0.3 mA
0.25
V
UNR521V
IC
= 10 mA, I
B
= 1.5 mA
Output voltage high-level
VOH
VCC = 5 V, VB = 0.5 V, RL = 1 kΩ
4.9
V
Output voltage low-level
VOL
VCC = 5 V, VB = 2.5 V, RL = 1 kΩ
0.2
V
UNR5213/521K
VCC
= 5 V, V
B
= 3.5 V, R
L
= 1 kΩ
UNR521D
VCC = 5 V, VB = 10 V, RL = 1 kΩ
UNR521E
VCC = 5 V, VB = 6.0 V, RL = 1 kΩ
Transition frequency
fT
VCB
= 10 V, I
E
= −2 mA, f = 200 MHz
150
MHz
Input
UNR5218
R1
−30%
0.51
+30%
k
resistance UNR5219
1.0
UNR521M/521V
2.2
UNR5216/521F/521L/521N
4.7
UNR521Z
UNR5211/5214/5215/521K
10
UNR5212/5217/521T
22
UNR5210/5213/521D/521E
47
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Rank
Q
R
S
No-rank
hFE
160 to 260
210 to 340
290 to 460
160 to 460


Similar Part No. - UNR521M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR521000L PANASONIC-UNR521000L Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
UNR521100L PANASONIC-UNR521100L Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
UNR521200L PANASONIC-UNR521200L Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
UNR521300L PANASONIC-UNR521300L Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
UNR521400L PANASONIC-UNR521400L Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

Similar Description - UNR521M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com