Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78M00 Datasheet(PDF) 5 Page - Texas Instruments

Part # UA78M00
Description  POSITIVE-VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M00 Datasheet(HTML) 5 Page - Texas Instruments

  UA78M00 Datasheet HTML 1Page - Texas Instruments UA78M00 Datasheet HTML 2Page - Texas Instruments UA78M00 Datasheet HTML 3Page - Texas Instruments UA78M00 Datasheet HTML 4Page - Texas Instruments UA78M00 Datasheet HTML 5Page - Texas Instruments UA78M00 Datasheet HTML 6Page - Texas Instruments UA78M00 Datasheet HTML 7Page - Texas Instruments UA78M00 Datasheet HTML 8Page - Texas Instruments UA78M00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
The
µA78M10 and µA78M15 are
obsolete and are no longer supplied
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059K – JUNE 1976 – REVISED FEBRUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 8 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA78M33C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Ot
t
lt
IO = 5 mA to 350 mA,
3.2
3.3
3.4
V
Output voltage‡
O
,
VI = 8 V to 20 V
TJ = 0°C to 125°C
3.1
3.3
3.5
V
Input voltage regulation
IO = 200 mA
VI = 5.3 V to 25 V
9
100
mV
Input voltage regulation
IO = 200 mA
VI = 8 V to 25 V
3
50
mV
Ripple rejection
VI = 8 V to 18 V,
IO = 100 mA, TJ = 0°C to 125°C
62
dB
Ripple rejection
I
,
f = 120 Hz
IO = 300 mA
62
80
dB
Output voltage regulation
VI = 8 V,
IO = 5 mA to 500 mA
20
100
mV
Temperature coefficient of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
40
200
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
Bias current change
IO = 200 mA,
VI = 8 V to 25 V, TJ = 0°C to 125°C
0.8
mA
Bias current change
IO = 5 mA to 350 mA, TJ = 0°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
300
mA
Peak output current
700
mA
† All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
‡ This specification applies only for dc power dissipation permitted by absolute maximum ratings.
electrical characteristics at specified virtual junction temperature, VI = 10 V, IO = 350 mA, TJ = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
µA78M05C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Ot
t
lt
IO = 5 mA to 350 mA,
4.8
5
5.2
V
Output voltage
O
,
VI = 7 V to 20 V
TJ = 0°C to 125°C
4.75
5.25
V
Input voltage regulation
IO = 200 mA
VI = 7 V to 25 V
3
100
mV
Input voltage regulation
IO = 200 mA
VI = 8 V to 25 V
1
50
mV
Ripple rejection
VI = 8 V to 18 V,
IO = 100 mA, TJ = 0°C to 125°C
62
dB
Ripple rejection
I
,
f = 120 Hz
IO = 300 mA
62
80
dB
Output voltage regulation
IO = 5 mA to 500 mA
20
100
mV
Output voltage regulation
IO = 5 mA to 200 mA
10
50
mV
Temperature coefficient of output voltage
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
40
200
µV
Dropout voltage
2
V
Bias current
4.5
6
mA
Bias current change
IO = 200 mA,
VI = 8 V to 25 V, TJ = 0°C to 125°C
0.8
mA
Bias current change
IO = 5 mA to 350 mA, TJ = 0°C to 125°C
0.5
mA
Short-circuit output current
VI = 35 V
300
mA
Peak output current
0.7
A
† All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques
maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.


Similar Part No. - UA78M00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M00 TI-UA78M00 Datasheet
418Kb / 18P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M00 TI-UA78M00 Datasheet
563Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M00 TI-UA78M00_07 Datasheet
480Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M00 TI-UA78M00_08 Datasheet
563Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78M00

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com