Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1035 Datasheet(PDF) 5 Page - International Rectifier

Part # AN-1035
Description  Application Note
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AN-1035 Datasheet(HTML) 5 Page - International Rectifier

  AN-1035 Datasheet HTML 1Page - International Rectifier AN-1035 Datasheet HTML 2Page - International Rectifier AN-1035 Datasheet HTML 3Page - International Rectifier AN-1035 Datasheet HTML 4Page - International Rectifier AN-1035 Datasheet HTML 5Page - International Rectifier AN-1035 Datasheet HTML 6Page - International Rectifier AN-1035 Datasheet HTML 7Page - International Rectifier AN-1035 Datasheet HTML 8Page - International Rectifier AN-1035 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
DirectFET
® Technology
AN-1035
Board Mounting Application Note
www.irf.com
Version 28 (revision history), April 2016
Page 5 of 42
Packaging
DirectFET devices are supplied in tape and reel format
(Figure 9). The gate contact is furthest from the tape
index holes.
loaded tape feed direction
A
B
C
D
E
F
G
H
Dimensions (mm)
Small can
Medium can
Large can
Code
Min
Max
Min
Max
Min
Max
A
7.90
8.10
7.90
8.10
11.90
12.10
B
3.90
4.10
3.90
4.10
3.90
4.10
C
11.90
12.30
11.90
12.30
15.90
16.30
D
5.45
5.55
5.45
5.55
7.40
7.60
E
4.00
4.20
5.10
5.30
7.20
7.40
F
5.00
5.20
6.50
6.70
9.90
10.10
G
1.50
NC
1.50
NC
1.50
NC
H
1.50
1.60
1.50
1.60
1.50
1.60
Figure 9 Tape and reel packaging
Storage requirements
DirectFET devices are packed in sealed, nitrogen-
purged, antistatic bags. Devices in unopened bags
have a shelf life of two years. Devices may have a
Moisture Sensitivity Level (MSL) of 1 or 3: this is
shown on the bag label. Treating all devices in opened
bags as MSL 3 will help to ensure good solderability
but the devices must not be baked, even if they are
not mounted within 168 hours of opening a bag.
The reason for storing opened bags carefully is that the
plating on some areas of the devices is photosensitive
and can be tarnished by the high levels of atmospheric
pollution that occur in some heavily industrialized areas.
To reduce the risk of tarnishing, International Rectifier
recommends that, when not in use, reels of devices
should be resealed into the bags in which they are
supplied. The bags provide protection against the
ambient atmosphere. They also provide adequate
protection against normal light levels but it is prudent
to avoid prolonged exposure to bright light sources.
Solder pastes
International Rectifier evaluated different types of solder
paste from various manufacturers. The properties of
pastes vary from manufacturer to manufacturer, meaning
that some perform better than others. In general, high
slumping pastes tend to suffer more from solder balling
than slump-resistant pastes; solder balling is discussed
in the next section on stencil design. In addition, some
pastes appear to be more prone to voiding than others.
Solder alloys, metal contents and flux constituents all
influence the rheology of the solder paste. This in turn
influences how the paste reacts during processing.
DirectFET products with a PbF suffix have been
evaluated using both lead-containing pastes (Sn63
Pb37) and lead-free pastes (Sn96.5 Ag3.0 Cu0.5).
Products without the PbF suffix are not recommended
for use with lead-free pastes.
Solder paste selection must take flux residues into
consideration. Many customers use solder pastes that
contain no-clean fluxes designed to be fully cured or
‘caramelized’ during the reflow process, forming an inert
varnish-like residue that need not be washed off or
removed. However, some solder pastes (marketed as
‘probeable’ or ‘pin-testable’) contain fluxes that remain
soft or tacky for up to a month to enable underlying PCB
pads to be electrically probed on an automated test
system using pins or needle-type probes. Unfortunately,
as the residues remain acidic and chemically active
until they harden, they can cause electrical leakage
and/or corrosion, especially in damp or moist
environments. Therefore, International Rectifier
recommends that assemblies using probeable or pin-
testable solder pastes are not exposed to their intended
operating environment or subjected to reliability testing
that involves moisture testing for at least a month.
Alternatively, such assemblies can be baked after
electrical testing to cure the flux more quickly.
Evaluations of both standard and lead-free devices used
reflow profiles that conform to IPC/JEDEC standard
J-STD-020C (July 2004 revision.) All devices were
reflowed three times to simulate the building of a double-
sided PCB and provide for one rework process. However,
International Rectifier advises customers to refer to
the technical datasheet for their selected solder paste
for initial guidance when setting up reflow profiles,
before they carry out optimization exercises.


Similar Part No. - AN-1035

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1030 CYMBET-AN-1030 Datasheet
494Kb / 6P
   EVAL-08 Frequently Asked Questions & Troubleshooting
logo
Fairchild Semiconductor
AN-1032 FAIRCHILD-AN-1032 Datasheet
39Kb / 2P
   Performance Restrictions Associated with 3.5 Watts SO-8 Power MOSFETs
logo
Cymbet Corporation
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
logo
Analog Devices
AN-1039 AD-AN-1039 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
More results

Similar Description - AN-1035

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com