Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER604G Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # HER604G
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

HER604G Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  HER604G Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. HER604G Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SEMICONDUCT OR
HER601 TH U HER608
GR
G
HIGH EFFICIENCY RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:6.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: R-6 molded plastic body
Lead: Plated axial leads, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Any
Weight: 0.074ounce, 2.1 grams
Mounting Position:
Note: 1.Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
2.Measured at 1MH and applied reverse voltage of 4.0 Volts.
Z
Maximum
Peak Reverse Voltage
Recurrent
VRRM
Volts
Volts
Volts
Volts
P
F
AmpS
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Instantaneous Forward Voltage
at 6.0 A
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+150
-55 to+150
200
60
100
100
10.0
°C
TJ
50
50
35
100
100
70
200
200
140
400
300
400
300
280
210
600
600
420
800
800
560
1000
1000
700
200 0
.
1.3
1.0
1.85
ns
Trr
6.0
R-6
Dimensions in inches and (millimeters)
0.360(9.1)
0.360(9.1)
0.052(1.32)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.340(8.6)
0.340(8.6)
DIA
0.046(1.18)
DIA
R
SEMICONDUCT OR
Symbols
Units
HER
601G
HER
602G
HER
603G
HER
604G
HER
605G
HER
606G
HER
607G
HER
608G
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low power loss, high efficiency
High surge current capability
High speed switching, Low leakage
Low forward voltage drop
High current capability, High reliability
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
°
//
Maximum DC Reverse Current
at rated DC blocking voltage
T =100 C
A
°
T =25 C
A
°
(Rating at 25 C ambient temperature unless otherwise specified. Single phase ,half wave ,
resistive or inductive
load. For capacitive load, derate current by 20%.)
°
60H ,
Z
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
A
μ


Similar Part No. - HER604G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER604G JGD-HER604G Datasheet
171Kb / 2P
   6.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Zibo Seno Electronic En...
HER604G ZSELEC-HER604G Datasheet
116Kb / 2P
   6A GLASS PASSIVATED ULTRAFAST DIODE
logo
Taiwan Semiconductor Co...
HER604G TSC-HER604G Datasheet
70Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Rectron Semiconductor
HER604G RECTRON-HER604G Datasheet
110Kb / 7P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
Taiwan Semiconductor Co...
HER604G TSC-HER604G Datasheet
272Kb / 2P
   6.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER604G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com