Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN221V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN221V
Description  Silicon NPN epitaxial planar transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN221V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN221V Datasheet HTML 1Page - Panasonic Semiconductor UN221V Datasheet HTML 2Page - Panasonic Semiconductor UN221V Datasheet HTML 3Page - Panasonic Semiconductor UN221V Datasheet HTML 4Page - Panasonic Semiconductor UN221V Datasheet HTML 5Page - Panasonic Semiconductor UN221V Datasheet HTML 6Page - Panasonic Semiconductor UN221V Datasheet HTML 7Page - Panasonic Semiconductor UN221V Datasheet HTML 8Page - Panasonic Semiconductor UN221V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Transistors with built-in Resistor
1
Publication date: December 2003
SJH00010CED
UNR221x Series (UN221x Series)
Silicon NPN epitaxial planar transistor
For digital circuits
■ Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
• Mini type package allowing easy automatic insertion through tape
packing and magazine packing
■ Resistance by Part Number
Marking Symbol (R1)(R2)
• UNR2210 (UN2210)
8L
47 k
Ω
• UNR2211 (UN2211)
8A
10 k
10 k
• UNR2212 (UN2212)
8B
22 k
22 k
• UNR2213 (UN2213)
8C
47 k
47 k
• UNR2214 (UN2214)
8D
10 k
47 k
• UNR2215 (UN2215)
8E
10 k
Ω
• UNR2216 (UN2216)
8F
4.7 k
Ω
• UNR2217 (UN2217)
8H
22 k
Ω
• UNR2218 (UN2218)
8I
0.51 k
5.1 k
• UNR2219 (UN2219)
8K
1 k
10 k
• UNR221D (UN221D)
8M
47 k
10 k
• UNR221E (UN221E)
8N
47 k
22 k
• UNR221F (UN221F)
8O
4.7 k
10 k
• UNR221K (UN221K)
8P
10 k
4.7 k
• UNR221L (UN221L)
8Q
4.7 k
4.7 k
• UNR221M (UN221M)
EL
2.2 k
47 k
• UNR221N (UN221N)
EX
4.7 k
47 k
• UNR221T (UN221T)
EZ
22 k
47 k
• UNR221V (UN221V)
FD
2.2 k
2.2 k
• UNR221Z (UN221Z)
FF
4.7 k
22 k
■ Absolute Maximum Ratings T
a
= 25°C
B
R1
R2
C
E
Internal Connection
Unit: mm
1: Base
2: Emitter
3: Collector
EIAJ: SC-59
Mini3-G1 Package
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
Note) The part numbers in the parenthesis show conventional part number.
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
50
V
Collector current
IC
100
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C


Similar Part No. - UN221V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN221V PANASONIC-UN221V Datasheet
235Kb / 17P
   Silicon NPN epitaxial planer transistor
More results

Similar Description - UN221V

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com