Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV1500 Datasheet(PDF) 5 Page - STMicroelectronics

Part # DMV1500
Description  DAMPER MODULATION DIODE FOR VIDEO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500 Datasheet(HTML) 5 Page - STMicroelectronics

  DMV1500 Datasheet HTML 1Page - STMicroelectronics DMV1500 Datasheet HTML 2Page - STMicroelectronics DMV1500 Datasheet HTML 3Page - STMicroelectronics DMV1500 Datasheet HTML 4Page - STMicroelectronics DMV1500 Datasheet HTML 5Page - STMicroelectronics DMV1500 Datasheet HTML 6Page - STMicroelectronics DMV1500 Datasheet HTML 7Page - STMicroelectronics DMV1500 Datasheet HTML 8Page - STMicroelectronics DMV1500 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
DMV1500M
5/9
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
tp(s)
K=[Zth(j-c)/Rth(j-c)]
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
T
δ=tp/T
tp
Fig. 4: Relative variation of thermal impedance
junction to case versus pulse duration.
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
t(s)
IM(A)
Tc=100°C
IM
t
δ=0.5
Fig. 5-1: Non repetitive surge peak forward current
versus overload duration (damper diode).
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
t(s)
IM(A)
Tc=100°C
IM
t
δ=0.5
Fig. 5-2: Non repetitive surge peak forward current
versus overload duration (modulation diode).
0.1
0.2
0.5
1.0
2.0
5.0
0
100
200
300
400
500
600
700
800
900
1000
dIF/dt(A/µs)
Qrr(nc)
IF= 6A
90% confidence
Tj=125°C
Fig. 6-1: Reverse recovery charges versus dIF/dt
(damper diode).
0.1
1.0
10.0
100.0
0
50
100
150
200
dIF/dt(A/µs)
Qrr(nC)
IF= 3A
90% confidence
Tj=125°C
Fig. 6-2: Reverse recovery charges versus dIF/dt
(modulation diode).
0.1
0.2
0.5
1.0
2.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
dIF/dt(A/µs)
IRM(A)
IF= 6A
90% confidence
Tj=125°C
Fig. 7-1: Reverse recovery current versus dIF/dt
(damper diode).


Similar Part No. - DMV1500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500HD STMICROELECTRONICS-DMV1500HD Datasheet
88Kb / 8P
   DAMPER MODULATION DIODE FOR CRT TV
DMV1500HDFD STMICROELECTRONICS-DMV1500HDFD Datasheet
88Kb / 8P
   DAMPER MODULATION DIODE FOR CRT TV
DMV1500HDFD6 STMICROELECTRONICS-DMV1500HDFD6 Datasheet
88Kb / 8P
   DAMPER MODULATION DIODE FOR CRT TV
DMV1500HFD STMICROELECTRONICS-DMV1500HFD Datasheet
86Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
More results

Similar Description - DMV1500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500L STMICROELECTRONICS-DMV1500L Datasheet
87Kb / 9P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500M STMICROELECTRONICS-DMV1500M_04 Datasheet
90Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
DMV1500SD STMICROELECTRONICS-DMV1500SD Datasheet
90Kb / 8P
   DAMPER MODULATION DIODE FOR VIDEO
logo
Fairchild Semiconductor
FFAF60A150DS FAIRCHILD-FFAF60A150DS Datasheet
138Kb / 6P
   MODULATION DAMPER DIODE
logo
Sanken electric
FMV-3FU SANKEN-FMV-3FU Datasheet
26Kb / 1P
   Damper Diode (Diode modulation for TV)
logo
Fairchild Semiconductor
FFPF60B150DS FAIRCHILD-FFPF60B150DS Datasheet
56Kb / 6P
   DAMPER MODULATION DIODE
logo
Sanken electric
FMP-3FU SANKEN-FMP-3FU Datasheet
33Kb / 2P
   Damper diode (Diode modulation for Displays)
logo
STMicroelectronics
DMV1500HD STMICROELECTRONICS-DMV1500HD Datasheet
88Kb / 8P
   DAMPER MODULATION DIODE FOR CRT TV
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com