Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN-244M Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FCN-244M
Description  FOR BOARD-TO-BOARD CONNECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-244M Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FCN-244M Datasheet HTML 1Page - Fujitsu Component Limited. FCN-244M Datasheet HTML 2Page - Fujitsu Component Limited. FCN-244M Datasheet HTML 3Page - Fujitsu Component Limited. FCN-244M Datasheet HTML 4Page - Fujitsu Component Limited. FCN-244M Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
240 Series (Low-Profile Stacking)
4
Dimensions are in millimeters (inches)
www.fcai.fujitsu.com
Specifications
subject to change
Dimensions: mm (in.)
STRAIGHT SOCKET [FOR BOARD INTERVAL OF 8 MM (0.315 IN.)]
s DIMENSIONS
Unit: mm (in.)
s MOUNTING HOLE LAYOUT (COMPONENT SIDE)
Unit: mm (in.)
Connectors without a board lock do not require the mounting holes of 2-
φ2.3 mm (0.091 in.) at both ends.
s PART NUMBERS AND DIMENSIONS
I
E
120
D
E
GF
End terminal
No. 3
No. 2
No. 1
3.81 (0.150)
1.27 (0.050)
1.27 (0.050)
1.27
× (b – 1) = B (0.050 × (b – 1) = B)
1.27
× (c – 1) = C (0.050 × (c – 1) = C)
1.27
× (a – 1) = A
(0.050
× (a – 1) = A)
1.27 (0.050)
1.27 (0.050)
1.27
× (b – 1) = B (0.050 × (b – 1) = B)
1.27
× (c – 1) = C (0.050 × (c – 1) = C)
1.27
× (a – 1) = A
(0.050
× (a – 1) = A)
Number of
contacts
20
30
40
50
60
70
80
90
100
120
Part number
FCN-244F020-G/0
FCN-244F030-G/0
FCN-244F040-G/0
FCN-244F050-G/0
FCN-244F060-G/0
FCN-244F070-G/0
FCN-244F080-G/0
FCN-244F090-G/0
FCN-244F100-G/0
FCN-244F120-G/0
a
20(0.787)
A
24.13(0.950)
b
40(1.575)
B
49.53(1.950)
c
10(0.394)
15(0.591)
20(0.787)
25(0.984)
30(1.181)
35(1.378)
40(1.575)
45(1.772)
50(1.969)
C
11.43(0.450)
17.78(0.700)
24.13(0.950)
30.48(1.200)
36.83(1.450)
43.18(1.700)
49.53(1.950)
55.88(2.200)
62.23(2.450)
77.47(3.050)
D
24.05(0.947)
30.40(1.197)
36.75(1.447)
43.10(1.697)
49.45(1.947)
55.80(2.197)
62.15(2.447)
68.50(2.697)
74.85(2.947)
90.09(3.547)
E
16.77(0.759)
23.12(1.009)
29.47(1.259)
35.82(1.509)
42.17(1.759)
48.52(2.009)
54.87(2.259)
61.22(2.759)
67.57(2.759)
82.81(3.359)
F
13.43(0.680)
19.78(0.930)
26.13(1.180)
32.48(1.430)
38.83(1.680)
45.18(1.930)
51.53(2.180)
57.88(2.426)
64.23(2.680)
25.93(3.280)
G
51.53(2.021)
H
21.40(0.843)
27.75(1.093)
34.10(1.343)
40.45(1.593)
46.80(1.845)
53.15(2.093)
59.50(2.343)
65.85(2.593)
72.20(2.843)
87.44(3.443)
Connectors with board lock brackets are also available. Specify a part number by replacing -G/0 at the end with -G/A.
End terminal
No. 1
•30, 50, 70, and 90 contacts
•20, 40, 60, 80, 100, and 120 contacts
No. 3
No. 2
End terminal
No. 1
No. 3
No. 2
2-
φ2.3 ±0.1
(0.091 ±0.004)
φ0.8
±0.06
(0.031
±0.002
)
1.27
× (a – 1) = A
(0.050
× (a – 1) = A)
1.27 ±0.05 (0.050 ±0.001)
1.27 ±0.05
(0.050 ±0.001)
3.81 (0.150)
1.27
× (b – 1) = B±0.1 (0.050 × (b – 1) = B±0.004)
1.27
× (c – 1) = C±0.1 (0.050 × (c – 1) = C±0.004)
H ±0.1(±0.004)
2-
φ2.3 ±0.1
(0.091 ±0.004)
φ0.8
±0.06
(0.031
±0.002
)
1.27
× (a – 1) = A
(0.050
× (a – 1) = A)
1.27 ±0.05 (0.050 ±0.001)
1.27 ±0.05
(0.050 ±0.001)
3.81 (0.150)
1.27
× (b – 1) = B±0.1 (0.050 × (b – 1) = B±0.004)
1.27
× (c – 1) = C±0.1 (0.050 × (c – 1) = C±0.004)
H ±0.1(±0.004)


Similar Part No. - FCN-244M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-244C020-A FUJITSU-FCN-244C020-A Datasheet
180Kb / 3P
   FOR BOARD-TO-CABLE CONNECTION
FCN-244C020-B FUJITSU-FCN-244C020-B Datasheet
180Kb / 3P
   FOR BOARD-TO-CABLE CONNECTION
FCN-244C020-E FUJITSU-FCN-244C020-E Datasheet
180Kb / 3P
   FOR BOARD-TO-CABLE CONNECTION
FCN-244C026-A FUJITSU-FCN-244C026-A Datasheet
180Kb / 3P
   FOR BOARD-TO-CABLE CONNECTION
FCN-244C026-E FUJITSU-FCN-244C026-E Datasheet
180Kb / 3P
   FOR BOARD-TO-CABLE CONNECTION
More results

Similar Description - FCN-244M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
240R FUJITSU-240R Datasheet
180Kb / 3P
   FOR BOARD-TO-CABLE CONNECTION
logo
Molex Electronics Ltd.
0943285001 MOLEX11-0943285001 Datasheet
76Kb / 2P
   SMT, Micro Spring Contact for Board to Board Connection
logo
Panasonic Semiconductor
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
logo
Fujitsu Component Limit...
FCN-260H FUJITSU-FCN-260H Datasheet
344Kb / 7P
   FOR CONNECTING PC BOARD TO PC BOARD
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com