Electronic Components Datasheet Search |
|
NDM2Z-12HT Datasheet(PDF) 10 Page - CUI INC |
|
NDM2Z-12HT Datasheet(HTML) 10 Page - CUI INC |
10 / 14 page cui.com date 11/07/2014 │ page 10 of 14 CUI Inc │ MODEL: NDM2Z-12H │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER Power Good The PG pin on the NDM2Z-12 module will assert if the output of the module is within tolerance of the target voltage and no fault conditions exist. A PG delay period is defined as the time from when all conditions within the module for asserting PG are met to when PG is actually asserted. By default, PG delay is set equal to the soft-start ramp time setting. The tolerance, polarity and delay of PG may be configured via PMBus commands. Soft-stop Delay and Ramp Times After CTRL is de-asserted the NDM2Z-12 module utilizes a pre-ramp delay time before the output starts the ramp- down process. After the delay period has expired, the output will begin to ramp towards ground according to the pre-configured soft-stop ramp time that has been set. It is recommended to set the soft-start ramp down to a value greater than 500 μs in order to prevent voltage spikes in the module input supply rail due the energy stored in the output capacitors. There will be a delay after the output voltage has reached ground potential and then the output of the module will be set to high impedance. Once the output of the module is high impedance the output voltage may float to a non-zero value if another source or leakage path is connected to the output. The soft-stop delay and ramp times may be configured via PMBus commands. PMBus commands can be used to set the output of the NDM2Z-12 module to high impedance as soon as the output voltage drops below a selectable threshold. OUTPUT VOLTAGE SETTING Pin-Strap and Resistor Setting Methods Using the pin-strap method, the voltage on the VOUT pin of the NDM2Z-12 module can be set to one of three default voltages as shown in Table 3. Table 4 lists the available output voltage settings with a resistor connected between VSET and PREF. Table 3: Pin-strap VOUT voltage settings Table 4: Resistor VOUT voltage settings SMBus Setting Method The voltage present at the VOUT pin of the NDM2Z-12 module can be reconfigured using PMBus commands. A voltage level reconfigured by a PMBus command over- rides the voltage set by the VSET pin, but cannot be set to greater than 110% of the voltage set by the VSET pin. Voltage Tracking The NDM2Z-12 module includes a feature that allows the output ramp voltage to track the ramp of a reference voltage which is applied to the VTRK/PG pin. The voltage ramp tracking capability can be configured so that member modules track at either 50% or 100% of the reference voltage ramp rate. In addition, a member module can be configured so that the termination voltage either tracks or ignores perturbations on the reference voltage once it has stabilized. Tracking at 50% and tracking final voltage perturbations is intended for DDR memory applications. All other applications which required voltage tracking should use 100% tracking and ignore final voltage perturbations. The reference voltage for tracking must have a target volt- age which is equal to or greater than the target voltage of the member modules. The turn-on delay of the reference voltage must be at least 10 ms greater than that set for the member modules. In voltage tracking mode, the turn-off delay of the member modules establishes the time duration which the member modules will track the reference voltage after CTRL is de-asserted. The turn-off delay of the member modules must be at least 5 ms greater than the sum of the turn-off delay and fall time of the reference voltage. VSET VOUT (V) LOW (< 0.8 V) 0.6 OPEN (N/C) 1.2 HIGH (> 2.0 V) 2.5 RESISTOR (kΩ) VOUT (V) RESISTOR (kΩ) VOUT (V) 10.0 0.60 46.4 1.50 11.0 0.65 51.1 1.60 12.1 0.70 56.2 1.70 13.3 0.75 61.9 1.80 14.7 0.80 68.1 1.90 16.2 0.85 75.0 2.00 17.8 0.90 82.5 2.10 19.6 0.95 90.9 2.20 21.5 1.00 100.0 2.30 23.7 1.05 110.0 2.50 26.1 1.10 121.0 3.00 28.7 1.15 133.0 3.30 31.6 1.20 147.0 4.00 34.8 1.25 162.0 5.00 38.3 1.30 178.0 5.50 42.2 1.40 For more information, please visit the product page. |
Similar Part No. - NDM2Z-12HT |
|
Similar Description - NDM2Z-12HT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |