Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM2Z-12HT-AA Datasheet(PDF) 8 Page - CUI INC

Part # NDM2Z-12HT-AA
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-12HT-AA Datasheet(HTML) 8 Page - CUI INC

Back Button NDM2Z-12HT-AA Datasheet HTML 4Page - CUI INC NDM2Z-12HT-AA Datasheet HTML 5Page - CUI INC NDM2Z-12HT-AA Datasheet HTML 6Page - CUI INC NDM2Z-12HT-AA Datasheet HTML 7Page - CUI INC NDM2Z-12HT-AA Datasheet HTML 8Page - CUI INC NDM2Z-12HT-AA Datasheet HTML 9Page - CUI INC NDM2Z-12HT-AA Datasheet HTML 10Page - CUI INC NDM2Z-12HT-AA Datasheet HTML 11Page - CUI INC NDM2Z-12HT-AA Datasheet HTML 12Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
cui.com
date 11/07/2014
│ page 8 of 14
CUI Inc
│ MODEL: NDM2Z-12H │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
OPERATING INFORMATION
The NDM2Z-12 modules are available in different
configurations; not all pins and functions are supported by
each configuration. This document describes all pins and
functions.
The Novum Z Products PMBus Commands application note
defines the available PMBus™ commands.
REQUIRED CONFIGURATIONS
NDM2Z-12 Module Pins
Each NDM2Z-12 module should have a resistor placed
between VSET and PREF to set the output voltage of the
module. The maximum output voltage which can be
configured by PMBus commands can never exceed 110% of
the voltage set by the VSET pin. The SMBus address of each
module is set by either pin-strap configuration or resis-
tor value associated with the SA0 pin. More information
regarding setting the SMBus address for a module can be
found in the section titled “SMBus”.
PCB Layout
Good performance of any point of load voltage regulator
module can only be achieved with careful PCB layout
considerations. Ground planes or very wide traces should
be used for power and ground routing. Input capacitors
should be placed close to the input voltage pins of the
module and output capacitors should be placed close to the
load. The module should also be placed as close as possible
to the load.
INPUT AND OUTPUT CAPACITORS
Input Capacitors
Input capacitors are recommended to be used with the
NDM2Z-12 module in order to minimize input voltage ripple.
A 330 μF POSCAP or electrolytic and 3x 22 μF ceramic
capacitors should be placed as close as possible to the input
pins of the module. Additional input capacitors may be
used if less input voltage ripple is desired.
Output Capacitors
Output capacitors are recommended to be used with the
NDM2Z-12 module in order to improve transient response
and minimize output voltage ripple. A 330 μF POSCAP or
electrolytic and 3x 22 μF ceramic capacitors should be
placed as close as possible to the load. Additional output
capacitors may be used to further improve the output
voltage characteristics.
POWER CONVERSION AND MANAGEMENT
Power Conversion Overview
The NDM2Z-12 module has several features to enable high
power conversion efficiency. Non-linear loop response (NLR)
improves the response time and reduces the output
deviation as a result of load transients. The incorporation
of DFM enhances the performance of CUI modules over that
available from conventional analog POL offerings.
Power Management Overview
The NDM2Z-12 module incorporates a wide range of power
management features. All power management functions
can be configured via the SMBus interface. The NDM2Z-12
can monitor and report many characteristics of the module
including input voltage, output voltage, output current and
internal temperature. Additionally, the NDM2Z-12 includes
circuit protection features that protect the module and load
from damage due to system faults. Monitoring parameters
can also be configured to provide alerts for specific
conditions. The ability of CUI modules to digitally control,
configure and monitor OS features provides significant
benefits over traditional analog POL products.
CONFIGURING THE MODULE
Pin Settings
Pin SA0 is used to set the SMBus address of the NDM2Z-12
module. Details of this feature are discussed in the section
titled “SMBus”. Pin SYNC is used to synchronize the switch-
ing clock of the module to an external clock source. More
information regarding synchronization can be found in the
section titled “SWITCHING FREQUENCY AND SYNCHRONI-
ZATION”.
Pin VSET is used to configure the output voltage of the
module. The voltage established by the VSET pin limits the
maximum output voltage that can be configured by SMBus
commands.
The SA0, SYNC and VSET pin configurations are read by
the module when power is applied or whenever a SMBus
RESTORE command is issued.
The CTRL pin is active high and can be used to enable the
module. Internal connections on the module will drive the
CTRL pin high if it is left floating.
Pins +S and -S are used for remote voltage sensing of the
output voltage.
For more information, please visit the product page.


Similar Part No. - NDM2Z-12HT-AA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-12HT-AA

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com