Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM2Z-12HS-AB Datasheet(PDF) 10 Page - CUI INC

Part # NDM2Z-12HS-AB
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-12HS-AB Datasheet(HTML) 10 Page - CUI INC

Back Button NDM2Z-12HS-AB Datasheet HTML 6Page - CUI INC NDM2Z-12HS-AB Datasheet HTML 7Page - CUI INC NDM2Z-12HS-AB Datasheet HTML 8Page - CUI INC NDM2Z-12HS-AB Datasheet HTML 9Page - CUI INC NDM2Z-12HS-AB Datasheet HTML 10Page - CUI INC NDM2Z-12HS-AB Datasheet HTML 11Page - CUI INC NDM2Z-12HS-AB Datasheet HTML 12Page - CUI INC NDM2Z-12HS-AB Datasheet HTML 13Page - CUI INC NDM2Z-12HS-AB Datasheet HTML 14Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
cui.com
date 11/07/2014
│ page 10 of 14
CUI Inc
│ MODEL: NDM2Z-12H │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Power Good
The PG pin on the NDM2Z-12 module will assert if the
output of the module is within tolerance of the target
voltage and no fault conditions exist. A PG delay period
is defined as the time from when all conditions within the
module for asserting PG are met to when PG is actually
asserted. By default, PG delay is set equal to the soft-start
ramp time setting. The tolerance, polarity and delay of PG
may be configured via PMBus commands.
Soft-stop Delay and Ramp Times
After CTRL is de-asserted the NDM2Z-12 module utilizes
a pre-ramp delay time before the output starts the ramp-
down process. After the delay period has expired, the
output will begin to ramp towards ground according to the
pre-configured soft-stop ramp time that has been set. It is
recommended to set the soft-start ramp down to a value
greater than 500 μs in order to prevent voltage spikes in
the module input supply rail due the energy stored in the
output capacitors. There will be a delay after the output
voltage has reached ground potential and then the output of
the module will be set to high impedance. Once the output
of the module is high impedance the output voltage may
float to a non-zero value if another source or leakage path
is connected to the output. The soft-stop delay and ramp
times may be configured via PMBus commands.
PMBus commands can be used to set the output of the
NDM2Z-12 module to high impedance as soon as the output
voltage drops below a selectable threshold.
OUTPUT VOLTAGE SETTING
Pin-Strap and Resistor Setting Methods
Using the pin-strap method, the voltage on the VOUT pin
of the NDM2Z-12 module can be set to one of three default
voltages as shown in Table 3. Table 4 lists the available
output voltage settings with a resistor connected between
VSET and PREF.
Table 3: Pin-strap VOUT voltage settings
Table 4: Resistor VOUT voltage settings
SMBus Setting Method
The voltage present at the VOUT pin of the NDM2Z-12
module can be reconfigured using PMBus commands. A
voltage level reconfigured by a PMBus command over-
rides the voltage set by the VSET pin, but cannot be set to
greater than 110% of the voltage set by the VSET pin.
Voltage Tracking
The NDM2Z-12 module includes a feature that allows the
output ramp voltage to track the ramp of a reference
voltage which is applied to the VTRK/PG pin. The voltage
ramp tracking capability can be configured so that member
modules track at either 50% or 100% of the reference
voltage ramp rate. In addition, a member module can be
configured so that the termination voltage either tracks
or ignores perturbations on the reference voltage once it
has stabilized. Tracking at 50% and tracking final voltage
perturbations is intended for DDR memory applications. All
other applications which required voltage tracking should
use 100% tracking and ignore final voltage perturbations.
The reference voltage for tracking must have a target volt-
age which is equal to or greater than the target voltage of
the member modules. The turn-on delay of the reference
voltage must be at least 10 ms greater than that set for the
member modules. In voltage tracking mode, the turn-off
delay of the member modules establishes the time duration
which the member modules will track the reference voltage
after CTRL is de-asserted. The turn-off delay of the member
modules must be at least 5 ms greater than the sum of the
turn-off delay and fall time of the reference voltage.
VSET
VOUT (V)
LOW (< 0.8 V)
0.6
OPEN (N/C)
1.2
HIGH (> 2.0 V) 2.5
RESISTOR (kΩ)
VOUT (V)
RESISTOR (kΩ)
VOUT (V)
10.0
0.60
46.4
1.50
11.0
0.65
51.1
1.60
12.1
0.70
56.2
1.70
13.3
0.75
61.9
1.80
14.7
0.80
68.1
1.90
16.2
0.85
75.0
2.00
17.8
0.90
82.5
2.10
19.6
0.95
90.9
2.20
21.5
1.00
100.0
2.30
23.7
1.05
110.0
2.50
26.1
1.10
121.0
3.00
28.7
1.15
133.0
3.30
31.6
1.20
147.0
4.00
34.8
1.25
162.0
5.00
38.3
1.30
178.0
5.50
42.2
1.40
For more information, please visit the product page.


Similar Part No. - NDM2Z-12HS-AB

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-12HS-AB

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com