Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL3120 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL3120
Description  2.0 Amp Output Current IGBT Gate Drive Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL3120 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL3120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL3120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL3120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL3120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL3120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL3120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL3120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL3120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL3120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
6
6 − 165
HCPL-3120/HCNW3120
推奨動作条件
項 目
記号
Min.
Max.
単位
電源電圧
(VCC - VEE)
15
30
Volts
入力電流(ON)
HCPL-3120
IF(ON)
7
16
mA
HCNW3120
10
入力電圧(OFF)
VF(OFF)
− 3.0
0.8
V
動作温度
TA
− 40
100
電気的特性(DC)
(特に指定のない限り推奨動作条件下,VEE=GND)
項  目
記 号
型 名
Min.
Typ.*
Max.
単 位
テスト条件
ハイレベル出力電流
IOH
0.5
1.5
A
VO =(VCC − 4 V)
2, 3,
5
2.0
VO =(VCC − 15 V)
17
2
ローレベル出力電流
IOL
0.5
2.0
A
VO =(VEE + 2.5 V)
5, 6
5
2.0
VO =(VEE + 15 V)
18
2
ハイレベル出力電圧
VOH
(VCC −4) (VCC −3)
V
IO =− 100 mA
1, 3
6, 7
19
ローレベル出力電圧
VOL
0.1
0.5
V
IO = 100 mA
4, 6
20
ハイレベル供給電流
ICCH
2.0
5.0
mA
Output Open,
IF = 7 to 16 mA
7, 8
ローレベル供給電流
ICCL
2.0
5.0
mA
Output Open,
VF =− 3.0 to + 0.8 V
スレッシュホールド
IFLH
HCPL-3120
2.3
5.0
mA
入力電流(ロー→ハイ)
HCNW3120
2.3
8.0
IO = 0 mA,
9, 15,
スレッシュホールド
VFHL
0.8
V
VO > 5 V
21
入力電圧(ハイ→ロー)
入力順電圧
VF
HCPL-3120
1.2
1.5
1.8
VIF = 10 mA
HCNW3120
1.6
1.95
順電圧の温度係数
Δ VF/ΔTA
HCPL-3120
− 1.6
mV/℃
IF = 10 mA
HCNW3120
− 1.3
入力逆破壊電圧
BVR
HCPL-3120
5
V
IR =10
µA
HCNW3120
3
IR = 100
µA
入力容量
CIN
HCPL-3120
60
pF
f = 1 MHz, VF = 0 V
HCNW3120
70
UVLO
VUVLO+
11.0
12.3
13.5
V
VO > 5 V,
22,
スレッシュホールド
VUVLO-
9.5
10.7
12.0
IF = 10 mA
36
UVLO ヒステリシス
UVLOHYS
1.6
V
*特に指定のない限り全てのTyp.値は TA = 25℃,VCC−VEE = 30 V
6章161-207(PDF用)
01.5.24, 4:30 PM
Page 165
Adobe PageMaker 6.0J/PPC


Similar Part No. - HCPL3120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3140 HP-HCPL3140 Datasheet
249Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3150 HP-HCPL3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
   2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results

Similar Description - HCPL3120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com