Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM2Z-12HS-AC Datasheet(PDF) 3 Page - CUI INC

Part # NDM2Z-12HS-AC
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-12HS-AC Datasheet(HTML) 3 Page - CUI INC

  NDM2Z-12HS-AC Datasheet HTML 1Page - CUI INC NDM2Z-12HS-AC Datasheet HTML 2Page - CUI INC NDM2Z-12HS-AC Datasheet HTML 3Page - CUI INC NDM2Z-12HS-AC Datasheet HTML 4Page - CUI INC NDM2Z-12HS-AC Datasheet HTML 5Page - CUI INC NDM2Z-12HS-AC Datasheet HTML 6Page - CUI INC NDM2Z-12HS-AC Datasheet HTML 7Page - CUI INC NDM2Z-12HS-AC Datasheet HTML 8Page - CUI INC NDM2Z-12HS-AC Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
cui.com
date 11/07/2014
│ page 3 of 14
CUI Inc
│ MODEL: NDM2Z-12H │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
POWER / EFFICIENCY
parameter
conditions/description
min
typ
max
units
output power
V
out = 5.0 V + 10% margin
0
66
W
efficiency
I
out = 50% of max
V
out = 0.6 V
V
out = 1.0 V
V
out = 1.8 V
V
out = 3.3 V
85.3
89.8
92.7
94.2
%
I
out = max
V
out = 0.6 V
V
out = 1.0 V
V
out = 1.8 V
V
out = 3.3 V
81.1
86.6
90.9
93.3
%
idle power
V
out = 0.6 V
V
out = 1.0 V
V
out = 1.8 V
V
out = 3.3 V
CTRL deasserted
0.45
0.58
0.94
1.78
0.13
W
switching frequency
320
kHz
FAULT PROTECTION
parameter
conditions/description
min
typ
max
units
output over voltage protection
(OVP) adjustable via PMBus commands
5.6
V
output over current protection
(OCP) adjustable via PMBus commands
TBD
A
input under voltage protection
adjustable via PMBus commands
4.5
V
input over voltage protection
adjustable via PMBus commands
14
V
over temperature protection
(OTP) measured on the module
125
°C
thermal protection hysteresis
difference between temperature fault and warning
15
°C
POWER CONNECTIONS
symbol
pin
IO type
description
VIN
1A
Power
Input voltage
GND
2A
Ground
Power ground
VOUT
3A
Power
Output voltage
COMMUNICATION CONNECTIONS
symbol
pin
IO type
description
VTRK/PG
4A
Analog/Digital
Voltage tracking input or power good output
PREF
4B
Ground
Pin-strap ground
+S
5A
Analog
Output voltage positive sense input
-S
5B
Analog
Output voltage negative sense input
SA0
6A
Digital
SMBus address pinstrap
DDC
6B
Digital
Digital-DC Communications bus (equivalent to Ericsson Power GCB)
SCL
7A
Digital
SBMBus clock
SDA
7B
Digital
SMBus data
VSET
8A
Digital
Output voltage pin-strap
SYNC
8B
Digital
Synchronization I/O
SALRT
9A
Digital
SMBus alert
CTRL
9B
Digital
Remote control or enable pin
For more information, please visit the product page.


Similar Part No. - NDM2Z-12HS-AC

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-12HS-AC

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com