Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM2Z-12V-AC Datasheet(PDF) 6 Page - CUI INC

Part # NDM2Z-12V-AC
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-12V-AC Datasheet(HTML) 6 Page - CUI INC

Back Button NDM2Z-12V-AC Datasheet HTML 2Page - CUI INC NDM2Z-12V-AC Datasheet HTML 3Page - CUI INC NDM2Z-12V-AC Datasheet HTML 4Page - CUI INC NDM2Z-12V-AC Datasheet HTML 5Page - CUI INC NDM2Z-12V-AC Datasheet HTML 6Page - CUI INC NDM2Z-12V-AC Datasheet HTML 7Page - CUI INC NDM2Z-12V-AC Datasheet HTML 8Page - CUI INC NDM2Z-12V-AC Datasheet HTML 9Page - CUI INC NDM2Z-12V-AC Datasheet HTML 10Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
cui.com
date 11/07/2014
│ page 6 of 13
CUI Inc
│ MODEL: NDM2Z-12V │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
MECHANICAL DRAWING
PIN
NUMBER
PIN
NAME
MATERIAL
PLATING
1A
VIN
Copper Alloy
Au 0.1 μm
over Ni 1~3
μm
2A
GND
3A
VOUT
4A
+S
Au 0.76 μm
4B
-S
5A
VSET
5B
VTRK
6A
SALRT
6B
SDA
7A
SCL
7B
SYNC
8A
SA0
8B
CTRL
9A
DDC
9B
PREF
units: mm [inches]
tolerance unless specified:
X.X ±0.50 [0.02]
X.XX ±0.25 [0.01]
(not applied on footprint or typical values)
For more information, please visit the product page.


Similar Part No. - NDM2Z-12V-AC

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-12V-AC

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com