Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC02VN8A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM24LC02VN8A
Description  2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM24LC02VN8A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM24LC02VN8A Datasheet HTML 1Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

  x 
 
                          
           
    
   !
!"!
 ATC
    # 
!

$%& &&
  & &  
  &%  ' ()*)
$ #+ 
  &,  &    
$-& 
  &..,,#     
$/ 
  &0 1   
$%&2   &3
$ 
  &4 
  &0  !55" 
  &6 
  &7% 
$8   
$,9',#,%:, %%:,
!
   
VCC
WP
SCL
SDA
A0
A1
A2
VSS
1
2
3
45
6
7
8
24LC02
,#,"%:,"%%:,
!
  
 0 48+     &  4/& 
77,:0     
     #+       
  2., 3  
.,  )     
    .,     ) 
0 48+ ;
  
  

+8:+52%+83    #":2%3   
    9      2 
<   3    77,:0
23 #           
<  !=5  77,:0    
       5 45 /5 !=5 
            
 >     77,:0
2  <!=53
+77,:0   
>      
 
!
  
!
# 
)%%
?  
%
#":
%+8
+ 9# 
.,
., 
)++
, # 
!
 



 
 
 
 
  

 







+
 







+








+
  !"
#  
$ %$
& '()) * &+


Similar Part No. - AM24LC02VN8A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC02 ANACHIP-AM24LC02 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Similar Description - AM24LC02VN8A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com