Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM2Z-25HS-P-000 Datasheet(PDF) 11 Page - CUI INC

Part # NDM2Z-25HS-P-000
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-25HS-P-000 Datasheet(HTML) 11 Page - CUI INC

Back Button NDM2Z-25HS-P-000 Datasheet HTML 7Page - CUI INC NDM2Z-25HS-P-000 Datasheet HTML 8Page - CUI INC NDM2Z-25HS-P-000 Datasheet HTML 9Page - CUI INC NDM2Z-25HS-P-000 Datasheet HTML 10Page - CUI INC NDM2Z-25HS-P-000 Datasheet HTML 11Page - CUI INC NDM2Z-25HS-P-000 Datasheet HTML 12Page - CUI INC NDM2Z-25HS-P-000 Datasheet HTML 13Page - CUI INC NDM2Z-25HS-P-000 Datasheet HTML 14Page - CUI INC NDM2Z-25HS-P-000 Datasheet HTML 15Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
cui.com
date
12/21/2015
│ page 11 of 32
CUI Inc
│ SERIES: NDM2Z-25 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Start-up by input source
Shut-down by input source
Start-up enabled by connecting VI at:
TP1 = +25 °C, VI = 12 V, VO = 1.0 V
CO = 470 μF/10 mΩ, IO = 25 A
Top trace: output voltage (0.5 V/div.).
Bottom trace: input voltage (5 V/div.).
Time scale: (20 ms/div.).
Shut-down enabled by disconnecting
VI at:
TP1 = +25 °C, VI = 12 V, VO = 1.0 V
CO = 470 μF/10 mΩ, IO = 25 A
Top trace: output voltage (0.5 V/div.).
Bottom trace: input voltage (5 V/div.).
Time scale: (2 ms/div.).
Start-up by CTRL signal
Shut-down by CTRL signal
Start-up by enabling CTRL signal at:
TP1 = +25 °C, VI = 12 V, VO = 1.0 V
CO = 470 μF/10 mΩ, IO = 25 A
Top trace: output voltage (0.5 V/div.).
Bottom trace: CTRL signal (2 V/div.).
Time scale: (20 ms/div.).
Shut-down enabled by disconnecting
VI at:
TP1 = +25 °C, VI = 12 V, VO = 1.0 V
CO = 470 μF/10 mΩ, IO = 25 A
Top trace: output voltage (0.5 V/div).
Bottom trace: CTRL signal (2 V/div.).
Time scale: (2 ms/div.).
TYPICAL CHARACTERISTICS, HORIZONTAL (CONTINUED)
For more information, please visit the product page.


Similar Part No. - NDM2Z-25HS-P-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-25HS-P-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com