Electronic Components Datasheet Search |
|
NDM2Z-50HT-A-000 Datasheet(PDF) 1 Page - CUI INC |
|
NDM2Z-50HT-A-000 Datasheet(HTML) 1 Page - CUI INC |
1 / 32 page cui.com date 12/21/2015 page 1 of 32 SERIES : NDM2Z-50 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER PART NUMBER KEY NDM2Z-50 X - X - XXX Firmware Configuration: 000~ZZZ Base Number Example part number: NDM2Z-50V-A-002 vertical module 4.00 mm pin length firmware configuration 002 FEATURES • pin and function compatible with Architects of Modern Power™ product standards • compact package, horizontal: 30.85 x 20.0 x 8.2 mm • compact package, vertical: 33.0 x 7.60 x 18.1 mm • 50 A output • high efficiency • auto compensation • SMBus interface • PMBus™ Compatible MODEL input voltage output voltage output current output wattage (Vdc) (Vdc) max (A) max (W) NDM2Z-50 4.5~14 0.6~3.3 50 165 GENERAL CHARACTERISTICS • 4.5~14 V input range • 0.6~3.3 V programmable output • voltage tracking • voltage margining • active current sharing • Snapshot™ parametric capture • voltage/current/temperature monitoring • synchronization and phase spreading • remote differential voltage sense • programmable soft start and soft stop • fault management Pin Configuration: A = 3.56 mm pin length (HT) 4.0 mm pin length (V) B = 5.5 mm pin length (V) Module Orientation and Pin Style: HS = horizontal, surface mount HT = horizontal, through hole mount V = vertical * HS and HT modules are delivered on tape and reel * V modules are delivered in trays For more information, please visit the product page. |
Similar Part No. - NDM2Z-50HT-A-000 |
|
Similar Description - NDM2Z-50HT-A-000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |