Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC405 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC405
Description  Low-Cost, Low-Power, 110MHz Op Amp with Disable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC405 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC405 Datasheet HTML 1Page - National Semiconductor (TI) CLC405 Datasheet HTML 2Page - National Semiconductor (TI) CLC405 Datasheet HTML 3Page - National Semiconductor (TI) CLC405 Datasheet HTML 4Page - National Semiconductor (TI) CLC405 Datasheet HTML 5Page - National Semiconductor (TI) CLC405 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CLC405 Typical Performance Characteristics (A
V = +2, Rf = 348Ω:Vcc = + 5V, RL = 100Ω unless specified)
IBI, IBN, VIO vs. Temperature
-60
-20
140
Temperature (oC)
VIO
4.0
3.0
2.0
1.0
0
-1.0
1.0
0
-1.0
-2.0
-3.0
-4.0
20
60
100
IBI
IBN
CLC405 OPERATION
Feedback Resistor
The feedback resistor, Rf, determines the loop gain and
frequency response for a current feedback amplifier.
Unless otherwise stated, the performance plots and data
sheet specify CLC405 operation with Rf of 348Ω at a
gain of +2V/V. Optimize frequency response for different
gains by changing Rf. Decrease Rf to peak frequency
response and extend bandwidth. Increase Rf to roll off
of the frequency response and decrease bandwidth. Use
a 2k
Ω R
f for unity gain, voltage follower circuits.
Use application note OA-13 to optimize your Rf selec-
tion. The equations in this note are a good starting
point for selecting Rf. The value for the inverting input
impedance for OA-13 is approximately 182
Ω.
Enable/Disable Operation Using ± 5V Supplies
The CLC405 has a TTL & CMOS logic compatible
disable function.
Apply a logic low (i.e. < 0.8V) to pin
8, and the CLC405 is guaranteed disabled across its
temperature range. Apply a logic high to pin 8, (i.e. >
2.0V) and the CLC405 is guaranteed enabled. Voltage,
not current, at
pin 8 determines the enable/disable
state of the CLC405.
Disable the CLC405 and its inputs and output become
high impedances. While disabled, the CLC405’s
quiescent power drops to 8mW.
Use the CLC405’s disable to create analog switches or
multiplexers. Implement a single analog switch with one
CLC405 positioned between an input and output.
Create an analog multiplexer with several CLC405s.
Tie the outputs together and put a different signal on
each CLC405 input.
Operate the CLC405 without connecting pin 8.
An
internal 20k
Ω pull-up resistor guarantees the CLC405
is enabled when pin 8 is floating.
Enable/Disable Operation for Single or
Unbalanced Supply Operation
Figure 1
Figure 1 illustrates the internal enable/disable opera-
tion of the CLC405. When pin 8 is left floating or is tied
to +Vcc, Q1 is on and pulls tail current through the
CLC405 bias circuitry.
When pin 8 is less than
0.8V above the supply midpoint, Q1 stops tail current
from flowing in the CLC405 circuitry. The CLC405 is
now disabled.
Disable Limitations
The feedback resistor, Rf, limits off isolation in inverting
gain configurations. Do not apply voltages greater than
+Vcc or less than -Vee to pin 8 or any other pin.
Small Signal Pulse Response
Time (5ns/div)
0.20
0.10
-0.10
-0.20
0.00
AV-1
AV+1
Large Signal Pulse Response
Time (5ns/div)
2.0
1.0
-1.0
-2.0
0.0
AV-2
AV+2
Settling Time vs. Capacitive Load
10
100
1000
CL (pF)
CL
1k
Rs
+
-
348
348
V
o = 2V step
Ts
Rs
CLC405
50
40
30
20
10
0
100
80
60
40
20
0
Short Term Settling Time
Time (ns)
0.2
0.1
-0.1
-0.2
0.0
020
100
80
60
40
Vout = 2Vstep
PSRR and CMRR
10k
100k
1M
Frequency (Hz)
10M
100M
60
50
40
30
20
10
PSRR
CMRR
20k
20k
Pin 8
Disable
Q2
Q1
Pin 4
-Vee
20k
Bias
Circuitry
I Tail
Supply
Mid-Point
Pull-up
Resistor
Pin 7
+Vcc
CLC405
NOTE: Pins 4, 7, 8 are external
Vcc -Vee
2
http://www.national.com
4


Similar Part No. - CLC405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
[Old version datasheet]   Low Cost, Low Power, 110MHz Op Amp with Disable
logo
Cadeka Microcircuits LL...
CLC4050 CADEKA-CLC4050 Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC4050 EXAR-CLC4050 Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC4050ISO14X CADEKA-CLC4050ISO14X Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC4050ISO14X EXAR-CLC4050ISO14X Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
More results

Similar Description - CLC405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
[Old version datasheet]   Low Cost, Low Power, 110MHz Op Amp with Disable
logo
Analog Devices
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_17 Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
AD810 AD-AD810_15 Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810 Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com