Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM2Z-25V-A-ZZZ Datasheet(PDF) 6 Page - CUI INC

Part # NDM2Z-25V-A-ZZZ
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM2Z-25V-A-ZZZ Datasheet(HTML) 6 Page - CUI INC

Back Button NDM2Z-25V-A-ZZZ Datasheet HTML 2Page - CUI INC NDM2Z-25V-A-ZZZ Datasheet HTML 3Page - CUI INC NDM2Z-25V-A-ZZZ Datasheet HTML 4Page - CUI INC NDM2Z-25V-A-ZZZ Datasheet HTML 5Page - CUI INC NDM2Z-25V-A-ZZZ Datasheet HTML 6Page - CUI INC NDM2Z-25V-A-ZZZ Datasheet HTML 7Page - CUI INC NDM2Z-25V-A-ZZZ Datasheet HTML 8Page - CUI INC NDM2Z-25V-A-ZZZ Datasheet HTML 9Page - CUI INC NDM2Z-25V-A-ZZZ Datasheet HTML 10Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
cui.com
date
12/21/2015
│ page 6 of 32
CUI Inc
│ SERIES: NDM2Z-25 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PRODUCT ELECTRICAL SPECIFICATION, HORIZONTAL (CONTINUED)
Notes:
1: See section I2C/SMBus Setup and Hold Times – Definitions.
2: Monitorable over PMBus Interface.
3: Automatic restart ~70 or 240 ms after fault if the fault is no longer present. Continuous restart attempts if the fault reappear after restart.
4: T
sw is the switching period.
5: Within +/-3% of VO
6: See section Soft-start Power Up.
7: Tracking functionality is designed to follow a VTRK signal with slew rate < 2.4 V/ms. For faster VTRK signals accuracy will depend on the regulator bandwidth.
8: See section Over Temperature Protection (OTP).
9: See section External Capacitors.
10: See section Initialization Procedure.
11: See graph Output Ripple vs External Capacitance and Operating information section Output Ripple and Noise.
12: See graph Load Transient vs. External Capacitance and Operating information section External Capacitors.
13: Time for reaching 100% of nominal Vout.
14: For Vout < 1.0 V accuracy is +/-10 mV. For further deviations see section Output Voltage Adjust using PMBus.
15: Accuracy here means deviation from ideal output voltage level given by configured droop and actual load. Includes line, load and temperature variations.
16: For current sharing the Output Voltage Delay Time must be reconfigured to minimum 15 ms.
17: For steady state operation above 1.05 x 3.3 V, please contact your local CUI sales representative.
For more information, please visit the product page.


Similar Part No. - NDM2Z-25V-A-ZZZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AA CUI-NDM2Z-12HS-AA Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AB CUI-NDM2Z-12HS-AB Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS-AC CUI-NDM2Z-12HS-AC Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
More results

Similar Description - NDM2Z-25V-A-ZZZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM3Z-90 CUI-NDM3Z-90 Datasheet
3Mb / 33P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com