Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM3Z-90V-B-000 Datasheet(PDF) 5 Page - CUI INC

Part # NDM3Z-90V-B-000
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM3Z-90V-B-000 Datasheet(HTML) 5 Page - CUI INC

  NDM3Z-90V-B-000 Datasheet HTML 1Page - CUI INC NDM3Z-90V-B-000 Datasheet HTML 2Page - CUI INC NDM3Z-90V-B-000 Datasheet HTML 3Page - CUI INC NDM3Z-90V-B-000 Datasheet HTML 4Page - CUI INC NDM3Z-90V-B-000 Datasheet HTML 5Page - CUI INC NDM3Z-90V-B-000 Datasheet HTML 6Page - CUI INC NDM3Z-90V-B-000 Datasheet HTML 7Page - CUI INC NDM3Z-90V-B-000 Datasheet HTML 8Page - CUI INC NDM3Z-90V-B-000 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
cui.com
date
12/23/2015
│ page 5 of 33
CUI Inc
│ MODEL: NDM3Z-90 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
PRODUCT ELECTRICAL SPECIFICATION (CONTINUED)
parameter
conditions/description
min
typ
max
units
short circuit current (I
SC)
RMS, hiccup mode, V
O = 1.0 V, 1.5 mΩ short
12
A
efficiency (η)
50% of max I
O
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
87.6
91.4
94.3
%
%
%
I
O = max IO
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
83.7
88.7
92.5
%
%
%
power dissipation at max I
O (d)
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
10.5
11.5
13.1
W
W
W
input idling power (P
Ii)IO = 0
V
O = 0.6 V
V
O = 1.0 V
V
O = 1.8 V
1.29
1.35
1.82
W
W
W
input standby power (P
CTRL)
turned off with CTRL-pin
0.44
W
switching frequency
(f
SW = 1/TSW)
320
kHz
switching frequency range2
(f
SW = 1/TSW)
PMBus configurable
FREQUENCY_SWITCH
200
640
kHz
switching frequency set-point
accuracy (f
SW = 1/TSW)
-5
5
%
external sync pulse width
(f
SW = 1/TSW)
150
ns
input clock frequency drift tol-
erance (f
SW = 1/TSW)
external sync
-10
10
%
initialization time (T
INIT)
From VI > ~2.7 V to ready to be enabled
67
ms
output voltage
total on delay time (T
ONdel_tot)
enabled by input voltage
enabled by CTRL pin
T
INIT + TONdel
T
ONdel
output voltage on delay time
(T
ONdel)
turn on delay duration
range PMBus configurable TON_DELAY
accuracy (actual delay vs set value)
3
5
-0/+2
250
ms
ms
ms
output voltage off delay time3
(T
OFFdel)
turn off delay duration
range PMBus configurable TOFF_DELAY
accuracy (actual delay vs set value)
4
0
-0/+2
250
ms
ms
ms
output voltage on/off ramp up
time (0→100%,100→0% of V
O)
(T
ONrise/TOFFfall)
turn on ramp duration
5
ms
turn off ramp duration
Disabled in standard configuration.
Turn off immediately upon expiration
of turn off delay.
ramp duration range PMBus configurable
TON_RISE/TOFF_FALL
0
100
ms
ramp time accuracy for standalone operation (ac-
tual ramp time vs set value)
250
μs
power good threshold (PG)
rising
falling
90
85
%V
O
%V
O
power good threshold range
(PG)
PMBus configurable
POWER_GOOD_ON
VOUT_UV_FAULT_LIMIT
0
100
%V
O
Notes:
1. Value refers to total (internal + external) effective output capacitance. Capacitance derating with VO typical for ceramic capacitors (bias characteristics) and
temperature variations must be considered for the external capacitor(s). See section External Output Capacitors.
2. There are configuration changes to consider when changing the switching frequency, see section Switching Frequency.
3. The specified accuracy applies for off delay times larger than 4 ms. A value of 0 ms can be set to guarantee a fast shut-off, but this will force the device to
Immediate Off behavior, even if soft-off, i.e. ramp-down, is configured. When setting 0 ms the actual delay will be 0 ms.
For more information, please visit the product page.


Similar Part No. - NDM3Z-90V-B-000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDM3000 FAIRCHILD-NDM3000 Datasheet
246Kb / 12P
   3 Phase Brushless Motor Driver
NDM3001 FAIRCHILD-NDM3001 Datasheet
250Kb / 12P
   3 Phase Brushless Motor Driver
logo
Amphenol Corporation
NDM303C1R1 AMPHENOL-NDM303C1R1 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM303C1R10 AMPHENOL-NDM303C1R10 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM303C1R2 AMPHENOL-NDM303C1R2 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
More results

Similar Description - NDM3Z-90V-B-000

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com