Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDM3Z-90V-B-ZZZ Datasheet(PDF) 9 Page - CUI INC

Part # NDM3Z-90V-B-ZZZ
Description  AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NDM3Z-90V-B-ZZZ Datasheet(HTML) 9 Page - CUI INC

Back Button NDM3Z-90V-B-ZZZ Datasheet HTML 5Page - CUI INC NDM3Z-90V-B-ZZZ Datasheet HTML 6Page - CUI INC NDM3Z-90V-B-ZZZ Datasheet HTML 7Page - CUI INC NDM3Z-90V-B-ZZZ Datasheet HTML 8Page - CUI INC NDM3Z-90V-B-ZZZ Datasheet HTML 9Page - CUI INC NDM3Z-90V-B-ZZZ Datasheet HTML 10Page - CUI INC NDM3Z-90V-B-ZZZ Datasheet HTML 11Page - CUI INC NDM3Z-90V-B-ZZZ Datasheet HTML 12Page - CUI INC NDM3Z-90V-B-ZZZ Datasheet HTML 13Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
cui.com
date
12/23/2015
│ page 9 of 33
CUI Inc
│ MODEL: NDM3Z-90 │ DESCRIPTION: AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
TYPICAL OUTPUT CHARACTERISTICS, V
O
= 0.6 V
Conditions
(Standard configuration unless otherwise stated): T
P1 = 25°C
Efficiency
Output Current Derating for Vertical Version
Output Ripple and Noise
Power Dissipation
Output Current Derating for Lay Down Version
Transient Response
0
3
6
9
12
15
0
102030405060708090
Load Current (A)
Vin
7.5 V
9.6 V
12 V
14 V
0
10
20
30
40
50
60
70
80
90
30
40
50
60
70
80
90
100
110
120
Ambient Air Temperature (°C)
3.0 m/s
2.0 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
70
75
80
85
90
95
100
0
102030405060708090
Load Current (A)
Vin
7.5 V
9.6 V
12 V
14 V
0
10
20
30
40
50
60
70
80
90
30
40
50
60
70
80
90 100 110 120
Ambient Air Temperature (°C)
Airflow
3.0 m/s
2.0 m/s
1.0 m/s
0.5 m/s
Nat. Conv.
Vin = 12 V, Iout = Imax
Vin = 12 V, Iout = 25% Imax
75% Imax
25% Imax
For more information, please visit the product page.


Similar Part No. - NDM3Z-90V-B-ZZZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDM3000 FAIRCHILD-NDM3000 Datasheet
246Kb / 12P
   3 Phase Brushless Motor Driver
NDM3001 FAIRCHILD-NDM3001 Datasheet
250Kb / 12P
   3 Phase Brushless Motor Driver
logo
Amphenol Corporation
NDM303C1R1 AMPHENOL-NDM303C1R1 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM303C1R10 AMPHENOL-NDM303C1R10 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM303C1R2 AMPHENOL-NDM303C1R2 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
More results

Similar Description - NDM3Z-90V-B-ZZZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HT CUI-NDM2Z-12HT Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12HS CUI-NDM2Z-12HS Datasheet
1Mb / 14P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-12V CUI-NDM2Z-12V Datasheet
2Mb / 13P
   AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
   DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
   DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
logo
Murata Manufacturing Co...
OKDH-T40-W12-001-C MURATA-OKDH-T40-W12-001-C Datasheet
1Mb / 38P
   40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com