Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS1-S5-S12-M Datasheet(PDF) 6 Page - CUI INC

Part # PDS1-S5-S12-M
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS1-S5-S12-M Datasheet(HTML) 6 Page - CUI INC

  PDS1-S5-S12-M Datasheet HTML 1Page - CUI INC PDS1-S5-S12-M Datasheet HTML 2Page - CUI INC PDS1-S5-S12-M Datasheet HTML 3Page - CUI INC PDS1-S5-S12-M Datasheet HTML 4Page - CUI INC PDS1-S5-S12-M Datasheet HTML 5Page - CUI INC PDS1-S5-S12-M Datasheet HTML 6Page - CUI INC PDS1-S5-S12-M Datasheet HTML 7Page - CUI INC PDS1-S5-S12-M Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PDS1-M │ DESCRIPTION: DC-DC CONVERTER
date 10/03/2014
│ page 6 of 8
EMC RECOMMENDED CIRCUIT
Vin
GND
+Vo
0V
EUT
LO AD
LDM
C0
Vin
GND
TEST CONFIGURATION
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Note: Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DERATING CURVES
100
80
60
40
20
Ambient Temperature (°C)
-40-20
0204060
80
105 120
Temperature Derating Curve
Safe operating area
100
10
20
30
40
50
60
70
80
90
100
10
-10
0
2.5
5
7.5
-2.5
-5
-7.5
Typical Load
Line
Rated Output Voltage
2.5
-2.5
-7.5
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve
Recommended external circuit
components
Vin
(Vdc)
C0
LDM
3.3
4.7μF/50V
6.8μH
5
4.7μF/50V
6.8μH
12
4.7μF/50V
6.8μH
15
4.7μF/50V
6.8μH
24
4.7μF/50V
6.8μH
External components
Lin
4.7μH
Cin
220μF, ESR < 1.0Ω at
100 kHz
Figure 1
Figure 2
Table 1
Table 2
Vin
GND
+Vo
EUT
LOAD
LDM
C0
Vin
GND
-Vo
Single Outputs
Dual Outputs
For more information, please visit the product page.


Similar Part No. - PDS1-S5-S12-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDS1-S5-S12-M CUI-PDS1-S5-S12-M Datasheet
553Kb / 6P
   DC-DC CONVERTER
PDS1-S5-S12-M CUI-PDS1-S5-S12-M Datasheet
1Mb / 8P
   DC-DC CONVERTER
PDS1-S5-S12-M CUI-PDS1-S5-S12-M Datasheet
1Mb / 8P
   DC-DC CONVERTER
07/06/2021
More results

Similar Description - PDS1-S5-S12-M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com