Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS1-S5-D12-M Datasheet(PDF) 5 Page - CUI INC

Part # PDS1-S5-D12-M
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS1-S5-D12-M Datasheet(HTML) 5 Page - CUI INC

  PDS1-S5-D12-M Datasheet HTML 1Page - CUI INC PDS1-S5-D12-M Datasheet HTML 2Page - CUI INC PDS1-S5-D12-M Datasheet HTML 3Page - CUI INC PDS1-S5-D12-M Datasheet HTML 4Page - CUI INC PDS1-S5-D12-M Datasheet HTML 5Page - CUI INC PDS1-S5-D12-M Datasheet HTML 6Page - CUI INC PDS1-S5-D12-M Datasheet HTML 7Page - CUI INC PDS1-S5-D12-M Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PDS1-M │ DESCRIPTION: DC-DC CONVERTER
date 10/03/2014
│ page 5 of 8
Front View
Top View
Top View
PCB Layout
Side View
Grid Size:
2.54mm x 2.54mm
PIN CONNECTIONS
PIN
Function
1
GND
2
Vin
4
0V
5
-Vo
7
+Vo
10
NC
units: mm[inch]
tolerance: ±0.25[±0.010]
pin section tolerance: ±0.10[±0.004]
MECHANICAL DRAWING (CONTINUED)
DUAL OUTPUT MODELS
For more information, please visit the product page.


Similar Part No. - PDS1-S5-D12-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDS1-S5-D12-M CUI-PDS1-S5-D12-M Datasheet
1Mb / 8P
   DC-DC CONVERTER
PDS1-S5-D12-M CUI-PDS1-S5-D12-M Datasheet
1Mb / 8P
   DC-DC CONVERTER
07/06/2021
More results

Similar Description - PDS1-S5-D12-M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com