Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS1-S5-D24-M Datasheet(PDF) 3 Page - CUI INC

Part # PDS1-S5-D24-M
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS1-S5-D24-M Datasheet(HTML) 3 Page - CUI INC

  PDS1-S5-D24-M Datasheet HTML 1Page - CUI INC PDS1-S5-D24-M Datasheet HTML 2Page - CUI INC PDS1-S5-D24-M Datasheet HTML 3Page - CUI INC PDS1-S5-D24-M Datasheet HTML 4Page - CUI INC PDS1-S5-D24-M Datasheet HTML 5Page - CUI INC PDS1-S5-D24-M Datasheet HTML 6Page - CUI INC PDS1-S5-D24-M Datasheet HTML 7Page - CUI INC PDS1-S5-D24-M Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PDS1-M │ DESCRIPTION: DC-DC CONVERTER
date 10/03/2014
│ page 3 of 8
0
50
100
150
200
250
Time (sec.)
Peak.Temp 245 (Max.)
245
217
60
Max
(>217)
Sec
˚C
˚C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection1
24 Vdc input dual output models
all other models: automatic recovery
1
s
Note:
1. The supply voltage must be discontinued at the end of the short circuit duration
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
safety approvals2
UL 60950-1
conducted emissions
CISPR22/EN55022, class B (external circuit required, see Figure 1)
radiated emissions
CISPR22/EN55022, class B (external circuit required, see Figure 1)
ESD
IEC/EN 61000-4-2, class B, contact ±8kV (single output models)
IEC/EN 61000-4-2, class B, contact ±6kV (dual output models)
MTBF
MIL-HDBK-217F @ 25 °C
3,500,000
hours
RoHS
2011/65/EU
Note:
2. See specific models noted on pages 1 & 2
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load, Ta=25°C
25
°C
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
reflow soldering
see reflow soldering profile
245
°C
For more information, please visit the product page.


Similar Part No. - PDS1-S5-D24-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDS1-S5-D24-M CUI-PDS1-S5-D24-M Datasheet
1Mb / 8P
   DC-DC CONVERTER
PDS1-S5-D24-M CUI-PDS1-S5-D24-M Datasheet
1Mb / 8P
   DC-DC CONVERTER
07/06/2021
More results

Similar Description - PDS1-S5-D24-M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com