Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS1-S24-S24-S Datasheet(PDF) 5 Page - CUI INC

Part # PDS1-S24-S24-S
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS1-S24-S24-S Datasheet(HTML) 5 Page - CUI INC

  PDS1-S24-S24-S Datasheet HTML 1Page - CUI INC PDS1-S24-S24-S Datasheet HTML 2Page - CUI INC PDS1-S24-S24-S Datasheet HTML 3Page - CUI INC PDS1-S24-S24-S Datasheet HTML 4Page - CUI INC PDS1-S24-S24-S Datasheet HTML 5Page - CUI INC PDS1-S24-S24-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PDS1-S │ DESCRIPTION: DC-DC CONVERTER
date
10/28/2014 │ page 5 of 6
1.
Output load requirement
To ensure this module can operate efficiently and reliably, the minimum output load may not be less than 10% of the full load during
operation. If the actual output power is low, connect a resistor at the output end in parallel to increase the load.
2.
Overload Protection
Under normal operating conditions, the output circuit of this product has no protection against overload. The simplest method to add
this is to add a circuit breaker to the circuit.
3.
Recommended circuit
This series has been tested according to the following recommended testing circuit before leaving the factory. This series should be
tested under load (see Figure 3 & Table 3). If you want to further decrease the input/output ripple, you can increase the capacitance
accordingly or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be appropriate. If the
capacitance is too high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the
maximum capacitance must be less than the maximum capacitive load (see Table 4).
APPLICATION NOTES
Note:
1. Operation under minimum load will not damage the converter; however, they may not meet all specifications listed.
2. Max. capacitive load tested at input voltage range and full load.
3. It is recommended to use either ceramic capacitors or electrolytic capacitors on the input and the output. Using tantalum capacitors may increase the risk of failure.
4. All specifications measured at: Ta=25°C, humidity<75%, nominal input voltage and rated output load, unless otherwise specified.
Vout
(Vdc)
Max. Capacitive Load
(μF)
3.3
220
5
220
9
220
12
220
15
220
24
220
Figure 3
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Table 3
Vin
(Vdc)
Cin
(μF)
Vo
(Vdc)
Cout
(μF)
3.3
4.7
3.3
10
5
4.7
5
10
12
2.2
9
4.7
15
1
12
2.2
24
1
15
1
--
--
24
0.47
Note:
It’s not recommended to connect any
external capacitors in applications with
less than 0.5 watt output.
Table 4
For more information, please visit the product page.


Similar Part No. - PDS1-S24-S24-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDS1-S24-S24-S CUI-PDS1-S24-S24-S Datasheet
546Kb / 6P
   DC-DC CONVERTER
PDS1-S24-S24-S CUI-PDS1-S24-S24-S Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/06/2021
More results

Similar Description - PDS1-S24-S24-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com