Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PK25-D12-S15 Datasheet(PDF) 5 Page - CUI INC

Part # PK25-D12-S15
Description  dc-dc converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PK25-D12-S15 Datasheet(HTML) 5 Page - CUI INC

  PK25-D12-S15 Datasheet HTML 1Page - CUI INC PK25-D12-S15 Datasheet HTML 2Page - CUI INC PK25-D12-S15 Datasheet HTML 3Page - CUI INC PK25-D12-S15 Datasheet HTML 4Page - CUI INC PK25-D12-S15 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
5 of 5
11/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: PK25
2. ON/OFF CONTROL (CNT)
The ground terminal of remote ON/OFF circuit is connected with -V input terminal. Between CNT and -V input: output voltage is ON
at “low” level or short circuit (0~1.2 V). Between CNT and -V input: output voltage is OFF at “high” level or open circuit (2.4~5.5 V).
When CNT terminal is “low” level, fan out current is 1 mA typical. When Vcc is applied, use 5 V
≤ Vcc ≤ 24 V. When remote ON/OFF
function is not used, please short between CNT and -V input.
IC
Relay
R
VCC
CNT
-V
Transistor
FIGURE 4. CONNECTION EXAMPLE
CNT level for INPUT -V
OUTPUT
L(Less than 1.2V) OR Short
ON
HL(More than 2.4V) OR Open
OFF
For more information, please visit the product page.


Similar Part No. - PK25-D12-S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PK25-D12-S15 ETC2-PK25-D12-S15 Datasheet
844Kb / 5P
   dc-dc converter
More results

Similar Description - PK25-D12-S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com