Electronic Components Datasheet Search |
|
PQZ6-D Datasheet(PDF) 2 Page - CUI INC |
|
PQZ6-D Datasheet(HTML) 2 Page - CUI INC |
2 / 6 page cui.com CUI Inc │ SERIES: PQZ6-D │ DESCRIPTION: DC-DC CONVERTER date 06/05/2013 │ page 2 of 6 INPUT parameter conditions/description min typ max units operating input voltage 24 V input models 48 V input models 9 18 24 48 36 75 Vdc Vdc start-up voltage 24 V input models 48 V input models 9 18 Vdc Vdc surge voltage for maximum of 1 second 24 V input models 48 V input models -0.7 -0.7 50 100 Vdc Vdc filter pi filter OUTPUT parameter conditions/description min typ max units line regulation full load, input voltage from low to high ±0.2 ±0.5 % load regulation 5% to 100% load ±0.5 ±1 % cross regulation dual output main output 50% load, supplement output from 10%-100% load ±5 % voltage accuracy 5% to 100% load ±1 ±2 % voltage balance dual output, balanced loads dual output, unbalanced loads ±0.5 ±1.5 ±5 % % switching frequency 5% to 100% load 300 KHz transient recovery time 25% load step change 300 500 μs transient response deviation 25% load step change ±3 ±5 % temperature coeffecient 100% load ±0.03 %/°C PROTECTIONS parameter conditions/description min typ max units short circuit protection continuous, automatic recovery over voltage protection 110 140 %Vo SAFETY AND COMPLIANCE parameter conditions/description min typ max units isolation voltage for 1 minute at 1 mA max. 1,500 Vdc isolation resistance at 500 Vdc 1,000 MΩ isolation capacitance input to output, 100 KHz/0.1 V 1,000 pF conducted emissions CISPR22/EN55022, class A, class B (external circuit required, see Figure 1-b) radiated emissions CISPR22/EN55022, class A, class B (external circuit required, see Figure 1-b) ESD IEC/EN61000-4-2, class B, contact ± 4kV radiated immunity IEC/EN61000-4-3, class A, 10V/m EFT/burst IEC/EN61000-4-4, class B, ± 2kV (external circuit required, see Figure 1-a) surge IEC/EN61000-4-5, class B, ± 2kV (external circuit required, see Figure 1-a) conducted immunity IEC/EN61000-4-6, class A, 3 Vr.m.s voltage dips & interruptions IEC/EN61000-4-29, class B, 0%-70% MTBF as per MIL-HDBK-217F @ 25°C 1,000,000 hours RoHS compliant yes For more information, please visit the product page. |
Similar Description - PQZ6-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |