Electronic Components Datasheet Search |
|
V7803W-500 Datasheet(PDF) 2 Page - CUI INC |
|
V7803W-500 Datasheet(HTML) 2 Page - CUI INC |
2 / 5 page cui.com date 04/21/2015 │ page 2 of 5 CUI Inc │ SERIES: V78W-500 │ DESCRIPTION: DC-DC CONVERTER INPUT parameter conditions/description min typ max units operating input voltage 3, 5, 6.5 V models 9 V model 12 V model 15 V model 24 V model 9 14 17 20 36 48 48 48 48 48 72 72 72 72 72 Vdc Vdc Vdc Vdc Vdc OUTPUT parameter conditions/description min typ max units line regulation measured from low line to high line ±0.4 ±1.0 % load regulation measured from 10% to full load ±0.3 ±0.6 % voltage accuracy at 100% load ±2 ±3 % switching frequency 100% load 120 800 kHz temperature coefficient -40°C ~ +85°C ambient ±0.015 %/°C quiescent current Vin = nominal, min. load 1 5 mA tendencies load at 10% to 100% load 1.0 ±100 1.5 mV ms max capacitance load 100 µF PROTECTIONS parameter conditions/description min typ max units short circuit protection continuous, automatic recovery short circuit input power Vin = nominal 0.72 1.2 W thermal shutdown 160 °C current limit Vin = nominal 700 1200 mA SAFETY AND COMPLIANCE parameter conditions/description min typ max units thermal resistance 60 °C/W EMI/EMC EN55022, class B (refer to page 4), IEC/EN 61000-4-2 level 4 RoHS compliant yes MTBF 25°C (MIL-HDBK-217K) 71°C (MIL-HDBK-217K) 3,500,000 1,500,000 hours hours ENVIRONMENTAL parameter conditions/description min typ max units case operating temperature 65 100 °C operating temperature power derating above 71°C -40 85 °C storage temperature -55 125 °C storage humidity non-condensing 95 % For more information, please visit the product page. |
Similar Part No. - V7803W-500 |
|
Similar Description - V7803W-500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |