Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQM1-S24-S12-M Datasheet(PDF) 1 Page - CUI INC

Part # PQM1-S24-S12-M
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQM1-S24-S12-M Datasheet(HTML) 1 Page - CUI INC

  PQM1-S24-S12-M Datasheet HTML 1Page - CUI INC PQM1-S24-S12-M Datasheet HTML 2Page - CUI INC PQM1-S24-S12-M Datasheet HTML 3Page - CUI INC PQM1-S24-S12-M Datasheet HTML 4Page - CUI INC PQM1-S24-S12-M Datasheet HTML 5Page - CUI INC PQM1-S24-S12-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date
04/08/2014
page
1 of 6
SERIES:
PQM1-M │ DESCRIPTION: DC-DC CONVERTER
date
page
1 of 6
FEATURES
• 1 W isolated output
• smaller package
• single regulated output
• 1,500 Vdc isolation
• continuous short circuit protection
• extended temperature range (-40~85°C)
• high efficiency at light load
• efficiency up to 75%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
PQM1-S5-S3-M
5
4.75~5.25
3.3
25
243
0.8
50
58
PQM1-S5-S5-M
5
4.75~5.25
5
20
200
1
50
72
PQM1-S5-S9-M
5
4.75~5.25
9
12
111
1
50
74
PQM1-S5-S12-M
5
4.75~5.25
12
9
84
1
50
73
PQM1-S5-S15-M
5
4.75~5.25
15
7
67
1
50
74
PQM1-S12-S5-M
12
11.4~12.6
5
20
200
1
50
73
PQM1-S12-S9-M
12
11.4~12.6
9
12
111
1
50
74
PQM1-S12-S12-M
12
11.4~12.6
12
9
84
1
50
73
PQM1-S12-S15-M
12
11.4~12.6
15
7
67
1
50
75
PQM1-S24-S5-M
24
22.8~25.2
5
20
200
1
50
73
PQM1-S24-S9-M
24
22.8~25.2
9
12
111
1
50
74
PQM1-S24-S12-M
24
22.8~25.2
12
9
84
1
50
73
PQM1-S24-S15-M
24
22.8~25.2
15
7
67
1
50
74
Note:
1. Ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
PART NUMBER KEY
PQM1 - SXX - S XX - M - X
Input Voltage
Output Voltage
Packaging Style
Base Number
Output
S = single
"blank" = tube
TR = tape & reel
For more information, please visit the product page.


Similar Part No. - PQM1-S24-S12-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PQM1-S24-S12-M CUI-PQM1-S24-S12-M Datasheet
984Kb / 6P
   DC-DC CONVERTER
09/08/2021
More results

Similar Description - PQM1-S24-S12-M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com