Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCQ15-Q48-S5-T Datasheet(PDF) 1 Page - CUI INC

Part # VCQ15-Q48-S5-T
Description  Screw Terminal Dc-Dc Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VCQ15-Q48-S5-T Datasheet(HTML) 1 Page - CUI INC

  VCQ15-Q48-S5-T Datasheet HTML 1Page - CUI INC VCQ15-Q48-S5-T Datasheet HTML 2Page - CUI INC VCQ15-Q48-S5-T Datasheet HTML 3Page - CUI INC VCQ15-Q48-S5-T Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VCQ15 Series Screw Terminal Dc-Dc Converter
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-800-275-4899
1 / 4
Rev. 07-2007
Features
·15W isolated output
·Efficiency to 82%
·4:1 input range
·Six sided shield
·Remote On/Off Control
Model
Input
Output
Output
Input Current
Number
Voltage
Voltage
Current
No Load
Full Load
Effic.
Case
VCQ15-Q24-S5-T
9-36VDC
5VDC
3000mA
15mA
810mA
77%
C
VCQ15-Q24-S12-T
9-36VDC
12VDC
1250mA
15mA
780mA
80%
C
VCQ15-Q24-S15-T
9-36VDC
15VDC
1000mA
15mA
780mA
80%
C
VCQ15-Q24-D5-T
9-36VDC
±5VDC
±1500mA
20mA
0810mA
77%
C
VCQ15-Q24-D12-T
9-36VDC
±12VDC
±625mA
20mA
780mA
80%
C
VCQ15-Q24-D15-T
9-36VDC
±15VDC
±500mA
20mA
780mA
80%
C
VCQ15-Q24-S3R3-T
9-36VDC
3.3VDC
3000mA
15mA
545mA
76%
C
VCQ15-Q48-S5-T
18-72VDC
5VDC
3000mA
10mA
410mA
77%
C
VCQ15-Q48-S12-T
18-72VDC
12VDC
1250mA
10mA
390mA
80%
C
VCQ15-Q48-S15-T
18-72VDC
15VDC
1000mA
10mA
390mA
80%
C
VCQ15-Q48-D5-T
18-72VDC
±5VDC
±1500mA
15mA
400mA
79%
C
VCQ15-Q48-D12-T
18-72VDC
±12VDC
±625mA
15mA
380mA
82%
C
VCQ15-Q48-D15-T
18-72VDC
±15VDC
±500mA
15mA
380mA
82%
C
VCQ15-Q48-S3R3-T
18-72VDC
3.3VDC
3000mA
10mA
270mA
76%
C
For more information, please visit the product page.


Similar Part No. - VCQ15-Q48-S5-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
VCQ15-Q48-S5 CUI-VCQ15-Q48-S5 Datasheet
243Kb / 3P
   DC-DC Converter
VCQ15-Q48-S5 CUI-VCQ15-Q48-S5 Datasheet
120Kb / 3P
   dc-dc converter
More results

Similar Description - VCQ15-Q48-S5-T

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSCQ30-T CUI-VSCQ30-T Datasheet
283Kb / 3P
   screw terminal DC/DC converter
PTK15-Q24-S3-T CUI-PTK15-Q24-S3-T Datasheet
624Kb / 3P
   screw terminal dc-dc converter
PTK15-T CUI-PTK15-T Datasheet
624Kb / 3P
   screw terminal dc-dc converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com