Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHB75-D12-S24 Datasheet(PDF) 4 Page - CUI INC

Part # VHB75-D12-S24
Description  dc-dc converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB75-D12-S24 Datasheet(HTML) 4 Page - CUI INC

  VHB75-D12-S24 Datasheet HTML 1Page - CUI INC VHB75-D12-S24 Datasheet HTML 2Page - CUI INC VHB75-D12-S24 Datasheet HTML 3Page - CUI INC VHB75-D12-S24 Datasheet HTML 4Page - CUI INC VHB75-D12-S24 Datasheet HTML 5Page - CUI INC VHB75-D12-S24 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
4 of 6
05/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VHB75
2. OUTPUT TRIMMING (OPTIONAL)
The output voltages are preset to nominal values as indicated by the models table at the factory. If desired, the output voltage may
optionally be trimmed to a different value (+/- 10%) with external resistors and/or potentiometer as shown below.
To trim the output voltage with fixed resistors, the output voltage can be calculated as follows.
Trim-Up
Trim-Down
FIGURE 3: TRIM-UP VOLTAGE SETUP
FIGURE 4: TRIM-DOWN VOLTAGE SETUP
The value of Rtrim-up is defined as:
The value of Rtrim-down is defined as:
Where: Rtrim-up is the external resistor in KΩ. Vo,nom is the
Where: Rtrim-down is the external resistor in KΩ. Vo,nom is the
nominal output voltage. Vo is the desired output voltage.
nominal output voltage. Vo is the desired output voltage.
R1 and R2 are internal to the unit and are defined in
R1 andR2 are internal to the unit and are defined in
Table 1. For example, to trim-up the output voltage of 5.0V
Table 2. For example, to trim-up the output voltage of 5.0V
module (VHB75-Q48-S5) by 8% to 5.4V, Rtrim-up is calculated
module (VHB75-Q48-S5) by 8% to 4.6V, Rtrim-down is calculated
as follows:
as follows:
R load
10KΩ
Trimpot
+Vin
-Vin
-Vo
-S
Trim
+S
+Vo
FIGURE 2. TRIMMING WITH
EXTERNAL POTENTIOMETER
16.923
14.76
13.304
8.25
7.2
8.25
Ω
Ω
42.215
25.474
19.656
5.8
3.168
2.877
24V
15V
12V
5V
3.3V
2.5V
Table 1
R load
R trim-up
+Vin
-Vin
+Vo
+S
Trim
-S
-Vo
R load
R trim-down
+Vin
-Vin
+Vo
+S
Trim
-S
-Vo
R2 = 8.25 KΩ
R1 = 5.8 KΩ
o
o, nom = 5.4 - 5.0 = 0.4 V
V - V
=
= 6.25 (K
Ω)
R
0.4
trim-up
5.8 - 8.25 x 0.4
V
- V
=
= 3.93 (K
Ω)
R
0.4
trim-down
5.8 - 10.57 x 0.4
R2 = 10.57 KΩ
R1 = 5.8 KΩ
o
o, nom
= 5.0 - 4.6 = 0.4 V
=
(K
Ω)
R
o
o, nom
V - V
o
o, nom
trim-up
R1 - R2 x (V - V
)
=
(K
Ω)
R
o
o, nom
V
- V
o
o, nom
trim-down
R1 - R2 x (V
- V )
130
94
60.1
10.57
15
10.57
Ω
Ω
430
150
86.45
5.8
6.18
2.923
24V
15V
12V
5V
3.3V
2.5V
Table 2
For more information, please visit the product page.


Similar Part No. - VHB75-D12-S24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VHB75-D12-S24 ETC1-VHB75-D12-S24 Datasheet
174Kb / 4P
   VHB75-Single Output Half Brick DC-DC Converter
More results

Similar Description - VHB75-D12-S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com