Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N138SLT1 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # 6N138SLT1
Description  Low Input Current Photodarlington Coupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

6N138SLT1 Datasheet(HTML) 1 Page - CT Micro International Corporation

  6N138SLT1 Datasheet HTML 1Page - CT Micro International Corporation 6N138SLT1 Datasheet HTML 2Page - CT Micro International Corporation 6N138SLT1 Datasheet HTML 3Page - CT Micro International Corporation 6N138SLT1 Datasheet HTML 4Page - CT Micro International Corporation 6N138SLT1 Datasheet HTML 5Page - CT Micro International Corporation 6N138SLT1 Datasheet HTML 6Page - CT Micro International Corporation 6N138SLT1 Datasheet HTML 7Page - CT Micro International Corporation 6N138SLT1 Datasheet HTML 8Page - CT Micro International Corporation 6N138SLT1 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Aug, 2013
6N138, 6N139
Low Input Current Photodarlington Coupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
Low current – 0.5mA
Superior CTR-2000%
CTR guaranteed 0–70°C
Applications
Digital logic ground isolation
Telephone ring detector
EIA-RS-232C line receiver
High common mode noise line receiver
μP bus isolation
Current loop receiver
Description
The 6N138 & 6N139 optocouplers consist of an
AlGaAs LED optically coupled to a high gain split
darlington photodetector.
The combination of a very low input current of
0.5mA and a high current transfer ratio of 2000%
makes this family particularly useful for input
interface to MOS, CMOS, LSTTL and EIA RS232C,
while output compatibility is ensured to CMOS as
well as high fan-out TTL requirements.
The devices are packaged in an 8-pin DIP package
and also available in gullwing (400mil) spacing and
surface mount lead forming option.


Similar Part No. - 6N138SLT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138S FAIRCHILD-6N138S Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138S FAIRCHILD-6N138S Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138S FAIRCHILD-6N138S Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Guangdong Youtai Semico...
6N138S UMW-6N138S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Everlight Electronics C...
6N138S(TA)-V EVERLIGHT-6N138S(TA)-V Datasheet
550Kb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN
More results

Similar Description - 6N138SLT1

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTW138 CTMICRO-CTW138 Datasheet
1Mb / 14P
   Low Input Current Photodarlington Coupler
logo
List of Unclassifed Man...
4N32-1 ETC1-4N32-1 Datasheet
45Kb / 3P
   LOW INPUT CURRENT PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.8, 08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
IL221AT VISHAY-IL221AT_V01 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2022
VO221AT VISHAY-VO221AT Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
Rev. 1.2, 22-Nov-12
VO221AT VISHAY-VO221AT_V02 Datasheet
119Kb / 7P
   Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
01-Jan-2023
logo
Sharp Corporation
S11MD7T SHARP-S11MD7T Datasheet
62Kb / 5P
   Low Input Driving Type Phototriac Coupler
logo
Silicon Touch Technolog...
VM114 SITI-VM114 Datasheet
259Kb / 8P
   Low input current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com