Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6502MAX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6502MAX
Description  Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6502MAX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6502MAX Datasheet HTML 1Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6502MAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics(Note 2) (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the Electrical Characteristics tables.
Note 2: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 3: The maximum output current (IOUT) is determined by device power dissipation limitations or value specified, whichever is lower.
Note 4: Human body model: 1.5k
Ω in series with 100pF. Machine model: 0Ω in series with 200pF.
Note 5: Slew Rate is the average of the rising and falling rates.
Note 6: Typical values represent the most likely parametric norm. Bold numbers refer to over temperature limits.
Note 7: Positive current corresponds to current flowing in the device.
Note 8: Drift determined by dividing the change in parameter distribution average at temperature extremes by the total temperature change.
Note 9: CMRR definition: [|
∆VOUT/∆VCM|/ AV] with 0.1V differential input voltage.
Note 10: +PSRR definition: [|
∆VOUT/∆V+|/ AV], −PSRR definition: [|∆VOUT/∆V|/ AV] with 0.1V differential input voltage.
Note 11: Gain/Phase normalized to low frequency value at 25˚C.
Note 12: Gain/Phase normalized to low frequency value at each AV.
Note 13: Gain Control Frequency Response Schematic:
20067738
Note 14: Flat Band Attenuation (Relative to Max Gain) Range Definition: Specified as the attenuation range from maximum which allows gain flatness specified
(either ±0.2dB or ±0.1dB) relative to AVMAX gain. For example, for f < 30MHz, here are the Flat Band Attenuation ranges:
±0.2dB
20dB down to 4dB = 16dB range
±0.1dB
20dB down to 12.5 dB = 7.5dB range
Connection Diagram
14-Pin SOIC/TSSOP
20067736
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
14-pin SOIC
LMH6502MA
LMH6502MA
55 Units/Rail
M14A
LMH6502MAX
2.5k Units Tape and Reel
14-Pin TSSOP
LMH6502MT
LMH6502MT
94 Units/Rail
MTC14
LMH6502MTX
2.5k Units Tape and Reel
www.national.com
4


Similar Part No. - LMH6502MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6502MAX/NOPB TI-LMH6502MAX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results

Similar Description - LMH6502MAX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com