Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L16161A-7T Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L16161A-7T
Description  512K x 16Bit x 2Banks Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L16161A-7T Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M12L16161A-7T Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7T Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7T Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7T Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7T Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7T Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7T Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7T Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L16161A-7T Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
M12L16161A
Elite Semiconductor Memory Technology Inc.
P.1
Publication Date : Jan. 2000
Revision : 1.3u
512K x 16Bit x 2Banks Synchronous DRAM
FEATURES
z JEDEC standard 3.3V power supply
z LVTTL compatible with multiplexed address
z Dual banks operation
z MRS cycle with address key programs
-
CAS Latency (2 & 3 )
-
Burst Length (1, 2, 4, 8 & full page)
-
Burst Type (Sequential & Interleave)
z All inputs are sampled at the positive going edge
of the system clock
z Burst Read Single-bit Write operation
z DQM for masking
z Auto & self refresh
z 32ms refresh period (2K cycle)
GENERAL DESCRIPTION
The M12L16161A is 16,777,216 bits synchro-
nous high data rate Dynamic RAM organized as
2 x 524,288 words by 16 bits, fabricated with
high performance CMOS technology. Synchro-
nous design allows precise cycle control with the
use of system clock I/O transactions are possible
on every clock cycle. Range of operating fre-
quencies, programmable burst length and pro-
grammable latencies allow the same device to be
useful for a variety of high bandwidth, high
performance memory system applications.
ORDERING INFORMATION
Part NO.
MAX Freq.
Interface
Package
M12L16161A-4.3T
233MHz
M12L16161A-5T
200MHz
M12L16161A-5.5T
183MHz
M12L16161A-6T
166MHz
M12L16161A-7T
143MHz
M12L16161A-8T
125MHz
LVTTL
50
TSOP(II)
PIN CONFIGURATION (TOP VIEW)
VDD
DQ0
DQ1
VSSQ
DQ2
DQ3
VDDQ
DQ4
DQ5
VSSQ
DQ6
DQ7
VDDQ
LDQM
WE
CAS
RAS
CS
BA
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
VSS
DQ15
DQ14
VSSQ
DQ13
DQ12
VDDQ
DQ11
DQ10
VSSQ
DQ9
DQ8
VDDQ
N.C/RFU
UDQM
CLK
CKE
N.C
A9
A8
A7
A6
A5
A4
VSS
50PIN TSOP(II)
(400mil x 825mil)
(0.8 mm PIN PITCH)


Similar Part No. - M12L16161A-7T

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L16161A-7TG ESMT-M12L16161A-7TG Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A-7TG ESMT-M12L16161A-7TG Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A-7TG2Q ESMT-M12L16161A-7TG2Q Datasheet
708Kb / 28P
   512K x 16Bit x 2Banks
M12L16161A-7TIG ESMT-M12L16161A-7TIG Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results

Similar Description - M12L16161A-7T

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A Datasheet
756Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_1 Datasheet
703Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52S16161A ESMT-M52S16161A Datasheet
755Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M52D16161A ESMT-M52D16161A_09 Datasheet
876Kb / 32P
   512K x 16Bit x 2Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com